Electronic Components Datasheet Search
  English  ▼

X  

ALT6526P9 Datasheet(PDF) 16 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 16 Page - ANADIGICS, Inc

Back Button ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 11Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 12Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 13Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 14Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 15Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 16Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 17Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
DATA SHEET - Rev 2.5
07/2013
ALT6526
Figure 5: Branding Specification
Figure 4: Package Outline - 22 Pin 5 mm x 7 mm x 0.9 mm Surface Mount Module
PACKAGE OUTLINE
ALT6526
LLLLLNN
YYWWCC
ANADIGICS logo
Pin 1 Identifier
Part Number
Date Code
YY= Year WW= Work Week
Lot Number
Country Code (CC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com