Electronic Components Datasheet Search
  English  ▼

X  

ALT6526P9 Datasheet(PDF) 15 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 15 Page - ANADIGICS, Inc

Back Button ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 11Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 12Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 13Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 14Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 15Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 16Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 17Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
DATA SHEET - Rev 2.5
07/2013
ALT6526
Table 9: Logic Interface Specifications
Figure 3: Evaluation Board
LOGIC PROGRAMMING
APPLICATION INFORMATION
RFOUT_2100
RFOUT_1700
RFIN_HI
GND
CPLOUT
VBATT
GND
22
21
20
19
18
GND
SLUG
RFOUT_1900
1
2
3
4
5
6
7
8
9
10
11
17
16
15
14
13
12
VCC
VCC
GND
RFOUT_850
VCC
VBAND0
GND
VMODE
VBAND1
VEN_LO
RFIN_LO
RFOUT_900
68pF
C1
2.2uF
C3
0.01µF
C2
68pF
C5
VBATT
VCC1
VCC
VCC1
VEN_HI
C6
0.01µF
2.2µF
2.2µF
C7
C4
MODE OF OPERATION
VEN_HI
VEN_LO
VBAND0
VBAND1
VMODE
UMTS Band 1, CDMA BC 6HighLow
Low
Low
X
UMTS Band 2 & 25
CDMA BC 1, 6, 14G
High
LowLow
High
X
High
LowHigh
Low
X
LowHighHighHighX
UMTS Band 8Low
High
Low
Low
X
Standby Mode
LowLow
XX
X
Shutdown Mode
LowLow
Low
Low
X
High Power Mode (HPM)X
XXX
Low
Low Power Mode (LPM)X
XX
XHigh
UMTS Band 3, 4, 9, 10
CDMA BC 4, 8, 15
UMTS Band 5, 18, 19, 20, 26
BC 0, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com