Electronic Components Datasheet Search
  English  ▼

X  

ALT6526P9 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ALT6526P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 11Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 12Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 13Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
DATA SHEET - Rev 2.5
07/2013
ALT6526
Table 6b: Electrical Specifications - Band 3/4 (1700 MHz) WCDMA Operation (R99 Waveform)
(+25 8C, VBATT = VCC = +3.3 V, VEN_HI = VBAND0 = +1.8 V, VBAND1 = 0 V, VEN_LO = 0 V)
Table 6c: Electrical Specifications - Band Class 8 (1700 MHz) CDMA Operation (RC-1 Waveform)
(+25 8C, VBATT = VCC = +3.3 V, VEN_HI = VBAND0 = +1.8 V, VBAND1 = 0 V, VEN_LO = 0 V)
Notes (Applicable to Tables 6a, 6b and 6c):
(1) ACLR and Efficiency measured at 1747.5 MHz.
(2) POUT < +28.6 dBm; In-band load VSWR < 5:1; Out-of-band load VSWR < 10:1; Applies over all operating conditions.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE
Adjacent Channel Power (1)
at ± 1.25 MHz offset
Primary Channel BW = 1.23 MHz
-
-
-52
-52
-46.5
-46.5
dBc
+27.7 dBm
+9.6 dBm
0 V
1.8 V
Alternate Channel Power (1)
at ± 1.98 MHz offset
Primary Channel BW = 1.23 MHz
-
-
-57
<-60
-54
-54
dBc
+27.7 dBm
+9.6 dBm
0 V
1.8 V
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE
ACLR1 at 5 MHz offset (1)
-
-
-41
-40
-37
-37
dBc
+28.6 dBm
+10.6 dBm
0 V
1.8 V
ACLR2 at 10 MHz offset
-
-
-55
<-60
-48
-48
dBc
+28.6 dBm
+10.6 dBm
0 V
1.8 V
Efficiency(1)
35
-
41
4
-
-
%
+28.6 dBm
+10.6 dBm
0 V
1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com