Electronic Components Datasheet Search
  English  ▼

X  

AD1836AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices AD1836AS Datasheet HTML 13Page - Analog Devices AD1836AS Datasheet HTML 14Page - Analog Devices AD1836AS Datasheet HTML 15Page - Analog Devices AD1836AS Datasheet HTML 16Page - Analog Devices AD1836AS Datasheet HTML 17Page - Analog Devices AD1836AS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–14–
AUXDATA1
ASDATA2/DAUXDATA
DATA TO EXT DAC
BCLK AND LRCLK FOR
EXT DAC COMES FROM
ADC BCLK, LRCLK.
MUST BE IN 12S MODE
ADC
SYNC SIGNAL DERIVED FROM AUXLRCLK USED TO
RESET INTERNAL ADC COUNTER
ASDATA1
AUXDATA
12S FORMATTER
MUX
AUXLRCLK
2 AUX
CHANNELS
6-CH
DAC
6 MAIN
CHANNELS
DAC
SPORT
DSDATA1
DSDATA2
DSDATA3
LRCLK
BCLK
SPORT
SYNC
4 ADCS
AUXBCLK
AUXLRCLK
AUXDATA2
12S
DECODE
LRCLK
ABCLK
ASDATA1
ALRCLK
ABCLK
ASDATA1
DATA TO SHARC
INDICATES MUX POSITION FOR AUX-TDM MODE
MASTER/SLAVE MODE,
FROM ADC SPI PORT
FROM SHARC
FROM EXT A/D
FROM EXT A/D
DSDATA1
DSDATA2/AUXDATA1
DSDATA3/AUXDATA2
DLRCLK/AUXLRCLK
MCLK
12S
TIMING GEN
LRCLK BCLK
MUX
DBCLK/AUXBCLK
MUX
AUXBCLK
Figure 11. Extended TDM Mode Internal Flow Diagram
Table I. Pin Function Changes in AUX-Mode
Pin Name (I
2S/AUX-Mode)
I
2S-Mode
AUX-Mode
ASDATA1(O)
I2S Data Out, Internal ADC1
TDM Data Out, to SHARC
ASDATA2(O)/DAUXDATA(O)
I
2S Data Out, Internal ADC2
AUX–I
2S-Data Out (to Ext. DAC)
DSDATA1(I)
I
2S Data In, Internal DAC1
TDM Data In, from SHARC
DSDATA2(I)/AAUXDATA(I)
I2S Data In, Internal DAC2
AUX–I2S-Data in 1 (from Ext. ADC)
DSDATA3(I)/AAUXDATA2(I)
I
2S Data in Internal DAC3
AUX–I
2S-Data in 2 (from Ext. ADC)
ALRCLK(O)
LRCLK for Internal ADC1, 2
TDM Frame Sync Out, to SHARC
ABCLK(O)
BCLK for Internal ADC1, 2
TDM BCLK Out, to SHARC
DLRCLK(I)/AUXLRCLK(I/O)
LRCLK In/Out Internal DACs
AUX LRCLK IN/OUT, Driven by Ext. IRCLK
from ADC (in Slave Mode). In Master Mode,
Driven by Internal MCLK/512.
DBCLK(I)/AUXBCLK(I/O)
BCLK In/Out Internal DACs
AUX BCLK IN/OUT, Drive by Ext. BCLK
from ADC (in Slave Mode). In Master Mode,
Driven by Internal MCLK/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com