Electronic Components Datasheet Search
  English  ▼

X  

AD1836AS Datasheet(PDF) 15 Page - Analog Devices

Part # AD1836AS
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836AS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1836AS Datasheet HTML 10Page - Analog Devices AD1836AS Datasheet HTML 11Page - Analog Devices AD1836AS Datasheet HTML 12Page - Analog Devices AD1836AS Datasheet HTML 13Page - Analog Devices AD1836AS Datasheet HTML 14Page - Analog Devices AD1836AS Datasheet HTML 15Page - Analog Devices AD1836AS Datasheet HTML 16Page - Analog Devices AD1836AS Datasheet HTML 17Page - Analog Devices AD1836AS Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–15–
SPI CONTROL REGISTERS
Note: All control registers default to zero at power-up.
Serial SPI Word Format
Register Address
Read/Write
Reserved
Data Field
15..12
11
10
9..0
4 Bits
1 = Read
0
10 Bits
0 = Write
Register Addresses and Functions
Register Address
RD/WR
RSVD
Function
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
(Bits 9:0)
0
0
0
0
0
0
DAC Control 1
0
0
0
1
0
0
DAC Control 2
0
0
1
0
0
0
DAC Volume 0
0
0
1
1
0
0
DAC Volume 1
0
1
0
0
0
0
DAC Volume 2
0
1
0
1
0
0
DAC Volume 3
0
1
1
0
0
0
DAC Volume 4
0
1
1
1
0
0
DAC Volume 5
1
0
0
0
0
0
ADC 0 – Peak Level (Read Only)
1
0
0
1
0
0
ADC 1 – Peak Level (Read Only)
1
0
1
0
0
0
ADC 2 – Peak Level (Read Only)
1
0
1
1
0
0
ADC 3 – Peak Level (Read Only)
1
1
0
0
0
0
ADC Control 1
1
1
0
1
0
0
ADC Control 2
1
1
1
0
0
0
ADC Control 3
1
1
1
1
0
0
Reserved
DAC Control Register 1
Function
Data Word
Power-Down
Interpolator
Address
RD/WR RSVD
De-Emphasis Serial Mode
Width
Reset
Mode
Reserved
15, 14, 13, 12 11
10
9, 8
7, 6, 5
4, 3
2
1
0
0000
0
0
00 = None
000 = I
2S
00 = 24-Bits
0 = Normal
0 = 8
× (48 kHz) 0
01 = 44.1 kHz
001 = RJ
01 = 20 Bits
1 = PWRDWN 1 = 4
× (96 kHz)
10 = 32.0 kHz
010 = DSP
10 = 16 Bits
11 = 48.0 kHz
011 = LJ
11 = Reserved
100 = Pack Mode 256
101 = Pack Mode 128
110 = Reserved
111 = Reserved
NOTES
Packed Mode: Four channels are “packed” into DSDATA1 serial input.
Packed Mode 128: Refer Figure 6.
Packed Mode 256: Refer to Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com