Electronic Components Datasheet Search
  English  ▼

X  

TTP259 Datasheet(PDF) 13 Page - Tontek Design Technology

Part # TTP259
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259 Datasheet(HTML) 13 Page - Tontek Design Technology

Back Button TTP259 Datasheet HTML 9Page - Tontek Design Technology TTP259 Datasheet HTML 10Page - Tontek Design Technology TTP259 Datasheet HTML 11Page - Tontek Design Technology TTP259 Datasheet HTML 12Page - Tontek Design Technology TTP259 Datasheet HTML 13Page - Tontek Design Technology TTP259 Datasheet HTML 14Page - Tontek Design Technology TTP259 Datasheet HTML 15Page - Tontek Design Technology TTP259 Datasheet HTML 16Page - Tontek Design Technology TTP259 Datasheet HTML 17Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 13 of 81
Ver: 1.1
200H
TCP1C
R/W
0000
TCP1 Timer/counter control register
201H
TCP1L
R/W
xxxx
TCP1 Timer/counter data low register
202H
TCP1H
R/W
xxxx
TCP1 Timer/counter data high register
203H
TCP2C
R/W
0000
TCP2 Timer/counter control register
204H
TCP2L
R/W
xxxx
TCP2 Timer/counter data low register
205H
TCP2M
R/W
xxxx
TCP2 Timer/counter data middle register
206H
TCP2H
R/W
xxxx
TCP2 Timer/counter data high register
207H
PAI
R
----
Port A pad data reading address
208H
PBI
R
----
Port B pad data reading address
209H
PCI
R
----
Port C pad data reading address
20AH
PDI
R
----
Port D pad data reading address
20BH
PEI
R
----
Port E pad data reading address
20CH
PFI
R
----
Port F pad data reading address
20DH
TCPFS
R/W
-000
TCP clock source FS pre-scale register
20EH
TBC
R/W
1111
Time base control register
20FH
-
-
----
-
210H
TPCHS0
R/W
0000
Touch pad channel selector register 0
211H
TPCHS1
R/W
0000
Touch pad channel selector register 1
212H
TPCHS2
R/W
0000
Touch pad channel selector register 2
213H
TPCHS3
R/W
0000
Touch pad channel selector register 3
214H
TPCTL
R/W
-000
Touch pad control register
215H
TPCT0
R/W
1111
Touch pad Duty counter 1st nibble
216H
TPCT1
R/W
1111
Touch pad Duty counter 2nd nibble
217H
TPCT2
R/W
1111
Touch pad Duty counter 3rd nibble
218H
CSAL
R/W
0000
Touch pad C load low nibble
219H
CSAH
R/W
--00
Touch pad C load high nibble
21AH
MCKS
R/W
-111
Modulation clock selector register
21BH
SPCON0
R/W
0000
Special control register 0
21CH
SPCON1
R/W
0000
Special control register 1
21DH
SPCON2
R/W
--00
Special control register 2
21EH
LDOFLAG R/W
---0
LDO fail flag
21FH
ODATA
R/W
0000
Touch pad output register for special function
220H
OSCHADJ R/W
0001
OSCH frequency adjustment register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com