Electronic Components Datasheet Search
  English  ▼

X  

TTP259 Datasheet(PDF) 21 Page - Tontek Design Technology

Part # TTP259
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259 Datasheet(HTML) 21 Page - Tontek Design Technology

Back Button TTP259 Datasheet HTML 17Page - Tontek Design Technology TTP259 Datasheet HTML 18Page - Tontek Design Technology TTP259 Datasheet HTML 19Page - Tontek Design Technology TTP259 Datasheet HTML 20Page - Tontek Design Technology TTP259 Datasheet HTML 21Page - Tontek Design Technology TTP259 Datasheet HTML 22Page - Tontek Design Technology TTP259 Datasheet HTML 23Page - Tontek Design Technology TTP259 Datasheet HTML 24Page - Tontek Design Technology TTP259 Datasheet HTML 25Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 21 of 81
Ver: 1.1
S-9. Power saving control register
PS[008H]: Power saving control register [R/W], default value [-100]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
H/L
SLEEP
STOP
Read/write
-
R/W
R/W
R/W
STOP: Into stop mode. (0: disable; 1: enable)
SLEEP: Into sleep mode. (0: disable; 1: enable)
H/L: CPU clock source selector. (1: system clock; 0: peripheral clock)
When H/L=0, system clock oscillator is stopped.
When STOP bit is set to 1, system and peripheral clock oscillator are
stopped. When H/L bit is set to 1, system clock oscillator is stopped. The SLEEP
bit and STOP bit will be cleared to 0 automatically, when the release conditions
occur from reset, interrupt or input wake up.
S-10. Special control register
SPCON0 [21BH]: Special control register 0 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
CDSC2
CDSC1
CDSC0
VREFS
Read/write
R/W
R/W
R/W
R/W
VREFS: Voltage reference selector for touch sensor detection. (0: 1/2 VDD; 1:
2/3 VDD)
CDSC2~CDSC0: Charge and discharge sequence control for touch sensor
function.
CDSC2~CDSC0
Sequence change clock
000
OFF
001
8
010
12
011
16
100
24
101
32
110
Reserve
111
Reserve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com