Electronic Components Datasheet Search
  English  ▼

X  

TTP259 Datasheet(PDF) 2 Page - Tontek Design Technology

Part # TTP259
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259 Datasheet(HTML) 2 Page - Tontek Design Technology

  TTP259 Datasheet HTML 1Page - Tontek Design Technology TTP259 Datasheet HTML 2Page - Tontek Design Technology TTP259 Datasheet HTML 3Page - Tontek Design Technology TTP259 Datasheet HTML 4Page - Tontek Design Technology TTP259 Datasheet HTML 5Page - Tontek Design Technology TTP259 Datasheet HTML 6Page - Tontek Design Technology TTP259 Datasheet HTML 7Page - Tontek Design Technology TTP259 Datasheet HTML 8Page - Tontek Design Technology TTP259 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 2 of 81
Ver: 1.1
10. TWO time base
Time base offers 2 various period interrupt request
11. One 8-bit TCP1 auto-reload timer/counter
4 timer clock sources selected by software
12. One 12-bit TCP2 auto-reload timer/counter, can improve PWM function
4 timer clock sources selected by software
13. Built-in 3 set 12-bit PWM output
14. MCU system protection and power saving controlled mode
Built-in watch dog timer (WDT) circuit
Built-in low voltage reset (LVR) function
Out of user program’s range detection
ROM code error detection
Provide high/low system operating speed, sleep and stop
mode for power saving control
15. Provide 16 pins with touch pad detection
16. LDO voltage can select 2.7V or 4.2V output by mask option
17. LVR voltage can select 2.2V or 3.0V by mask option
18. Provide two wire serial interface (IIC-BUS)
19. Provide 10 interrupt sources
External: INT0, INT1 shared with IO pad
Internal: two time base, two timer/counter
Two touch pad’s interrupt
Two IIC interrupt
20. Provide package types
28SSOP/20TSSOP/16SOP
§ Applications:
1. Household electric appliances
2. Consumer products
3. Measurement controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com