Electronic Components Datasheet Search
  English  ▼

X  

TTP259 Datasheet(PDF) 39 Page - Tontek Design Technology

Part # TTP259
Description  Preliminary
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP259 Datasheet(HTML) 39 Page - Tontek Design Technology

Back Button TTP259 Datasheet HTML 35Page - Tontek Design Technology TTP259 Datasheet HTML 36Page - Tontek Design Technology TTP259 Datasheet HTML 37Page - Tontek Design Technology TTP259 Datasheet HTML 38Page - Tontek Design Technology TTP259 Datasheet HTML 39Page - Tontek Design Technology TTP259 Datasheet HTML 40Page - Tontek Design Technology TTP259 Datasheet HTML 41Page - Tontek Design Technology TTP259 Datasheet HTML 42Page - Tontek Design Technology TTP259 Datasheet HTML 43Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Preliminary
TTP259
TonTouch
TM
2015/05/25
Page 39 of 81
Ver: 1.1
Read/Write
R/W
R/W
R/W
R/W
PWM0D7~PWM0D4: PWM0 duty middle nibble data.
PWM0H[011H]: PWM0 duty high nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM0D11
PWM0D10
PWM0D9
PWM0D8
Read/Write
R/W
R/W
R/W
R/W
PWM0D11~PWM0D8: PWM0 duty high nibble data.
PWM1L[22AH]: PWM1 duty low nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM1D3
PWM1D2
PWM1D1
PWM1D0
Read/Write
R/W
R/W
R/W
R/W
PWM1D3~PWM1D0: PWM1 duty low nibble data.
PWM1M[22BH]: PWM1 duty middle nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM1D7
PWM1D6
PWM1D5
PWM1D4
Read/Write
R/W
R/W
R/W
R/W
PWM1D7~PWM1D4: PWM1 duty middle nibble data.
PWM1H[22CH]: PWM1 duty high nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM1D11
PWM1D10
PWM1D9
PWM1D8
Read/Write
R/W
R/W
R/W
R/W
PWM1D11~PWM1D8: PWM1 duty high nibble data.
PWM2L[22DH]: PWM2 duty low nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM2D3
PWM2D2
PWM2D1
PWM2D0
Read/Write
R/W
R/W
R/W
R/W
PWM2D3~PWM2D0: PWM2 duty low nibble data.
PWM2M[22EH]: PWM2 duty middle nibble data register [R/W], default value [xxxx]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
PWM2D7
PWM2D6
PWM2D5
PWM2D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com