Electronic Components Datasheet Search
  English  ▼

X  

C8051F011 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # C8051F011
Description  Mixed-Signal 32KB ISP FLASH MCU Family
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F011 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button C8051F011 Datasheet HTML 17Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 18Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 19Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 20Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 21Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 22Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 23Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 24Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
4.2001; Rev. 1.3
CYGNAL Integrated Products, Inc.
 2001
Page 21
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
PRELIMINARY
4. PINOUT AND PACKAGE DEFINITIONS
Table 4.1. Pin Definitions
Pin Numbers
Name
F000
F010
F001
F011
F002
F012
Type
Description
VDD
31,
40,
62
23,
32
18,
20
Digital Voltage Supply.
DGND
30,
41,
61
22,
33,
27,
19
17,
21
Digital Ground.
AV+
16,
17
13,
43
9,
29
Positive Analog Voltage Supply.
AGND
5,
15
44,
12
8,
30
Analog Ground.
TCK
22
18
14
DIn
JTAG Test Clock with internal pull-up.
TMS
21
17
13
DIn
JTAG Test-Mode Select with internal pull-up.
TDI
28
20
15
DIn
JTAG Test Data Input with internal pull-up. TDI is latched on a rising edge of
TCK.
TDO
29
21
16
D Out
JTAG Test Data Output with internal pull-up. Data is shifted out on TDO on
the falling edge of TCK. TDO output is a tri-state driver.
XTAL1
18
14
10
AIn
Crystal Input. This pin is the return for the internal oscillator circuit for a
crystal or ceramic resonator. For a precision internal clock, connect a crystal
or ceramic resonator from XTAL1 to XTAL2. If overdriven by an external
CMOS clock, this becomes the system clock.
XTAL2
19
15
11
A Out
Crystal Output. This pin is the excitation driver for a crystal or ceramic
resonator.
/RST
20
16
12
D I/O
Chip Reset. Open-drain output of internal Voltage Supply monitor. Is driven
low when VDD is < 2.7V. An external source can force a system reset by
driving this pin low.
VREF
6
3
3
A I/O
Voltage Reference. When configured as an input, this pin is the voltage
reference for the MCU. Otherwise, the internal reference drives this pin.
CP0+
4
2
2
AIn
Comparator 0 Non-Inverting Input.
CP0-
3
1
1
AIn
Comparator 0 Inverting Input.
CP1+
2
45
AIn
Comparator 1 Non-Inverting Input.
CP1-
1
46
AIn
Comparator 1 Inverting Input.
DAC0
64
48
32
A Out
Digital to Analog Converter Output 0. The DAC0 voltage output. (See
Section 7 DAC Specification for complete description).
DAC1
63
47
31
A Out
Digital to Analog Converter Output 1. The DAC1 voltage output. (See
Section 7 DAC Specification for complete description).
AIN0
7
4
4
AIn
Analog Mux Channel Input 0. (See ADC Specification for complete
description).
AIN1
8
5
5
AIn
Analog Mux Channel Input 1. (See ADC Specification for complete
description).
AIN2
9
6
6
AIn
Analog Mux Channel Input 2. (See ADC Specification for complete
description).
AIN3
10
7
7
AIn
Analog Mux Channel Input 3. (See ADC Specification for complete
description).
AIN4
11
8
AIn
Analog Mux Channel Input 4. (See ADC Specification for complete
description).
AIN5
12
9
AIn
Analog Mux Channel Input 5. (See ADC Specification for complete
description).
AIN6
13
10
AIn
Analog Mux Channel Input 6. (See ADC Specification for complete
description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com