Electronic Components Datasheet Search
  English  ▼

X  

C8051F011 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # C8051F011
Description  Mixed-Signal 32KB ISP FLASH MCU Family
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F011 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button C8051F011 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 42Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
4.2001; Rev. 1.3
CYGNAL Integrated Products, Inc.
 2001
Page 39
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
PRELIMINARY
Table 5.1. 12-Bit ADC Electrical Characteristics
VDD = 3.0V, AV+ = 3.0V, VREF = 2.40V (REFBE=0), PGA Gain = 1, -40
° C to +85° C unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Offset Error
-3
±1
LSB
Full Scale Error
Differential mode
-7
±3
LSB
Offset Temperature
Coefficient
±0.25
ppm/
° C
DYNAMIC PERFORMANCE (10kHz sine-wave input, 0 to –1dB of full scale, 100ksps)
Signal-to-Noise Plus
Distortion
66
dB
Total Harmonic Distortion
Up to the 5th harmonic
-75
dB
Spurious-Free Dynamic
Range
80
dB
CONVERSION RATE
Conversion Time in System
Clocks
ADC0CF = 000xxxxxb
16
clocks
Track/Hold Acquisition
Time
1.5
µs
Throughput Rate
100
ksps
ANALOG INPUTS
Voltage Conversion Range
Single-ended Mode (AINn – AGND)
Differential Mode |(AINn+) – (AINm-)|
0
VREF
- 1LSB
V
Input Voltage
Any AINn pin
AGND
AV+
V
Input Capacitance
10
pF
TEMPERATURE SENSOR
Linearity
±0.20
° C
Absolute Accuracy
±3
° C
Gain
PGA Gain = 1
2.86
mV/
° C
Gain Error (
±1σ)
PGA Gain = 1
±33.5
µV/° C
Offset
PGA Gain = 1, Temp = 0
° C
776
mV
Offset Error (
±1σ)
PGA Gain = 1, Temp = 0
° C
±8.51
mV
POWER SPECIFICATIONS
Power Supply Current (AV+
supplied to ADC)
Operating Mode, 100ksps
450
900
µA
Power Supply Rejection
±0.3
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com