Electronic Components Datasheet Search
  English  ▼

X  

C8051F011 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # C8051F011
Description  Mixed-Signal 32KB ISP FLASH MCU Family
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F011 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button C8051F011 Datasheet HTML 9Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 10Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 11Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 12Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 13Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 14Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 15Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 16Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
4.2001; Rev. 1.3
CYGNAL Integrated Products, Inc.
 2001
Page 13
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
PRELIMINARY
1.1.3.
Additional Features
The C8051F000 MCU family has several key enhancements both inside and outside the CIP-51 core to improve its
overall performance and ease of use in the end applications.
The extended interrupt handler provides 21 interrupt sources into the CIP-51 (as opposed to 7 for the standard 8051),
allowing the numerous analog and digital peripherals to interrupt the controller. An interrupt driven system requires
less intervention by the MCU, giving it more effective throughput. The extra interrupt sources are very useful when
building multi-tasking, real-time systems.
There are up to seven reset sources for the MCU: an on-board VDD monitor, a Watchdog Timer, a missing clock
detector, a voltage level detection from Comparator 0, a forced software reset, the CNVSTR pin, and the /RST pin.
The /RST pin is bi-directional, accommodating an external reset, or allowing the internally generated POR to be
output on the /RST pin. Each reset source except for the VDD monitor and Reset Input Pin may be disabled by the
user in software. The WDT may be permanently enabled in software after a power-on reset during MCU
initialization.
The MCU has an internal, stand alone clock generator which is used by default as the system clock after any reset. If
desired, the clock source may be switched on the fly to the external oscillator, which can use a crystal, ceramic
resonator, capacitor, RC, or external clock source to generate the system clock. This can be extremely useful in low
power applications, allowing the MCU to run from a slow (power saving) external crystal source, while periodically
switching to the fast (up to 16MHz) internal oscillator as needed.
Figure 1.5. On-Board Clock and Reset
WDT
XTAL1
XTAL2
OSC
Internal
Clock
Generator
System
Clock
CIP-51
Microcontroller
Core
Missing
Clock
Detector
(one-
shot)
Software Reset
Extended Interrupt
Handler
Clock Select
/RST
+
-
VDD
Supply
Reset
Timeout
(wired-OR)
System Reset
Supply
Monitor
PRE
Reset
Funnel
+
-
CP0+
Comparator 0
CP0-
(Port
I/O)
Crossbar
CNVSTR
(CNVSTR
reset
enable)
(CP0
reset
enable)
EN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com