Electronic Components Datasheet Search
  English  ▼

X  

C8051F011 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # C8051F011
Description  Mixed-Signal 32KB ISP FLASH MCU Family
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F011 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button C8051F011 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 41Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 42Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 43Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 44Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 45Page - List of Unclassifed Manufacturers C8051F011 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 170 page
background image
Page 42
CYGNAL Integrated Products, Inc.
 2001
4.2001; Rev. 1.3
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
PRELIMINARY
Figure 6.3. Temperature Sensor Transfer Function
Figure 6.4. AMX0CF: AMUX Configuration Register (C8051F01x)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
-
AIN67IC
AIN45IC
AIN23IC
AIN01IC
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xBA
Bits7-4: UNUSED. Read = 0000b; Write = don’t care
Bit3:
AIN67IC: AIN6, AIN7 Input Pair Configuration Bit
0: AIN6 and AIN7 are independent singled-ended inputs
1: AIN6, AIN7 are (respectively) +, - differential input pair
Bit2:
AIN45IC: AIN4, AIN5 Input Pair Configuration Bit
0: AIN4 and AIN5 are independent singled-ended inputs
1: AIN4, AIN5 are (respectively) +, - differential input pair
Bit1:
AIN23IC: AIN2, AIN3 Input Pair Configuration Bit
0: AIN2 and AIN3 are independent singled-ended inputs
1: AIN2, AIN3 are (respectively) +, - differential input pair
Bit0:
AIN01IC: AIN0, AIN1 Input Pair Configuration Bit
0: AIN0 and AIN1 are independent singled-ended inputs
1: AIN0, AIN1 are (respectively) +, - differential input pair
NOTE: The ADC Data Word is in 2’s complement format for channels configured as differential.
0
-50
50
100
(Celsius)
0.500
0.600
0.700
0.800
0.900
(Volts)
V
TEMP = 0.00286(TEMPC) + 0.776
for PGA Gain = 1
1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com