Electronic Components Datasheet Search
  English  ▼

X  

DS1920 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1920 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1920 Datasheet HTML 4Page - Dallas Semiconductor DS1920 Datasheet HTML 5Page - Dallas Semiconductor DS1920 Datasheet HTML 6Page - Dallas Semiconductor DS1920 Datasheet HTML 7Page - Dallas Semiconductor DS1920 Datasheet HTML 8Page - Dallas Semiconductor DS1920 Datasheet HTML 9Page - Dallas Semiconductor DS1920 Datasheet HTML 10Page - Dallas Semiconductor DS1920 Datasheet HTML 11Page - Dallas Semiconductor DS1920 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DS1920
8 of 22
1-WIRE CRC CODE Figure 6
MEMORY
The DS1920’s memory is organized as shown in Figure 7. The memory consists of a scratchpad and 2
bytes of EEPROM which store the high and low temperature triggers TH and TL. The scratchpad helps
insure data integrity when communicating over the 1-Wire bus. Data is first written to the scratchpad
where it can be read back. After the data has been verified, a copy scratchpad command will transfer the
data to the EEPROM. This process insures data integrity when modifying the memory.
The scratchpad is organized as 8 bytes of memory. The first 2 bytes contain the measured temperature
information. The 3
rd and 4th bytes are volatile copies of TH and TL and are refreshed with every power-on
reset. The next 2 bytes are not used; upon reading back, however, they will appear as all logic 1s. The 7
th
and 8
th bytes are count registers, which may be used in obtaining higher temperature resolution (see
“Operation-Measuring Temperature” section).
There is a 9
th byte which may be read with a Read Scratchpad command. This byte is a cyclic redundancy
check (CRC) over all of the 8 previous bytes. This CRC is implemented as described in the section titled
“CRC Generation.”
DS1920 MEMORY MAP Figure 7
SCRATCHPAD
BYTE
EEPROM
TEMPERATURE LSB
0
TEMPERATURE MSB
1
TH/USER BYTE 1
2
TH/USER BYTE 1
TL/USER BYTE 2
3
TL/USER BYTE 2
RESERVED
4
RESERVED
5
COUNT REMAIN
6
COUNT PER °C
7
CRC
8
1-WIRE BUS SYSTEM
The 1-Wire bus is a system which has a single bus master and one or more slaves. The DS1920 behaves
as a slave. The discussion of this bus system is broken down into three topics: hardware configuration,
transaction sequence, and 1-Wire signaling (signal types and timing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com