Electronic Components Datasheet Search
  English  ▼

X  

DS1920 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1920 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS1920 Datasheet HTML 14Page - Dallas Semiconductor DS1920 Datasheet HTML 15Page - Dallas Semiconductor DS1920 Datasheet HTML 16Page - Dallas Semiconductor DS1920 Datasheet HTML 17Page - Dallas Semiconductor DS1920 Datasheet HTML 18Page - Dallas Semiconductor DS1920 Datasheet HTML 19Page - Dallas Semiconductor DS1920 Datasheet HTML 20Page - Dallas Semiconductor DS1920 Datasheet HTML 21Page - Dallas Semiconductor DS1920 Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
DS1920
20 of 22
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +7.0V
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
∗ This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CONDITIONS
(-55°C to +100°C)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Pull up Voltage
VPUP
I/O Functions
+½°C Accurate
Temperature
Conversions
2.8
4.3
5.0
6.0
6.0
V
V
1,2
Logic 1
VIH
2.2
V
2
Logic 0
VIL
-0.3
+0.8
V
2, 10
DC ELECTRICAL CHARACTERISTICS
(-55°C to +100°C; VPUP=4.3V to 6.0V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
0
°C to + 70 °C
+½
°C
11
Thermometer
Error
tERR
-55
°C to +0°C
and + 70
°C to
+100
°C
SEE TYPICAL CURVE
11
Active Current
IDD
1000
1500
µA
3,4
Input Load
Current
IL
5
µA
Output Logic
Low @ 4 mA
VOL
0.4
V
2
CAPACITANCE
(TA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
I/O (1- Wire)
CIN/OUT
800
pF
9
AC ELECTRICAL CHARACTERISTICS; TEMPERATURE CONVERSION AND
COPY SCRATCHPAD
(-55°C to +100°C; VPUP =4.3V to 6.0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Temperature Conversion
tCONV
0.2
0.5
seconds
Copy Scratchpad
tCOPY
10
ms
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com