Electronic Components Datasheet Search
  English  ▼

X  

DS1920 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1920 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1920 Datasheet HTML 1Page - Dallas Semiconductor DS1920 Datasheet HTML 2Page - Dallas Semiconductor DS1920 Datasheet HTML 3Page - Dallas Semiconductor DS1920 Datasheet HTML 4Page - Dallas Semiconductor DS1920 Datasheet HTML 5Page - Dallas Semiconductor DS1920 Datasheet HTML 6Page - Dallas Semiconductor DS1920 Datasheet HTML 7Page - Dallas Semiconductor DS1920 Datasheet HTML 8Page - Dallas Semiconductor DS1920 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
081699
SPECIAL FEATURES
§ Digital thermometer measures temperatures
from -55°C to +100°C in typically 0.2
seconds
§ Zero standby power
§ 0.5°C resolution, digital temperature reading
is two’s complement of °C value
§ Access to internal counters allows increased
resolution through interpolation
§ Reduces control, address, data, and power to
a single data contact
§ 8-bit device-generated CRC for data integrity
§ 8-bit family code specifies DS1920
communications requirements to reader
§ Special command set allows user to skip
ROM section and do temperature
measurements simultaneously for all devices
on the bus
§ 2 bytes of EEPROM to be used either as
alarm triggers or user memory
§ Alarm search directly indicates which device
senses alarming temperatures
COMMON iButton FEATURES
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
F3 MICROCAN
TM
§ Multidrop controller for MicroLAN
§ Digital identification and information by
momentary contact
§ Chip-based data carrier compactly stores
information
§ Data can be accessed while affixed to object
§ Economically communicates to bus master
with a single digital signal at 16.3k bits per
second
§ Standard 16 mm diameter and 1-WireTM
protocol ensure compatibility with iButton
family
§ Button shape is self-aligning with cup-
shaped probes
§ Durable stainless steel case engraved with
registration number withstands harsh
environments
§ Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
§ Presence detector acknowledges when reader
first applies voltage
§ Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
F5 MICROCAN
TM
All dimensions are shown in millimeters
DS1920
Temperature iButton
™
www.dalsemi.com
DATA
GROUND
0.36
0.51
3.10
c
1993
YYWW REGISTERED RR
A0
10
000000FBC52B
16.25
17.35
DATA
GROUND
0.36
0.51
5.89
c
1993
YYWW REGISTERED RR
20
10
000000FBD8B3
16.25
17.35


Similar Part No. - DS1920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS1920-F5+ MAXIM-DS1920-F5+ Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
More results

Similar Description - DS1920

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1411 MAXIM-DS1411_11 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
iButton Temperature Loggers with 8KB Datalog Memory
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com