Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 122 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 122 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 118Page - Cypress Semiconductor BCM4354 Datasheet HTML 119Page - Cypress Semiconductor BCM4354 Datasheet HTML 120Page - Cypress Semiconductor BCM4354 Datasheet HTML 121Page - Cypress Semiconductor BCM4354 Datasheet HTML 122Page - Cypress Semiconductor BCM4354 Datasheet HTML 123Page - Cypress Semiconductor BCM4354 Datasheet HTML 124Page - Cypress Semiconductor BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 192 page
background image
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 121
GPIO Alternative Signal Functions
BROADCOM CONFIDENTIAL
BCM4354 Data Sheet
Table 27 defines status for all BCM4354 GPIOs based on the tristate test mode.
GPIO_15
TEST_GPIO_1
5
FAST_UART
_CTS_IN
UART_DBG
_TX
––
–
GCI_GPIO_
3
––
–
–
Note:
1. GPIO_0 and WL_DEV_WAKE signals are selected by using software.
2. USB_VBUS_PRESENT indicates that USB30D is selected.
3. SDIO_PADVDDIO = 1 (not in straps table) is set to 3.3V by default for all packages.
4.GPIO_7 can be used as WL_LED in WLBGA packages.
5. USB_MDx/HSIC_MDx MDIO is the interface of USB1.0/2.0/3.0 PHY or of HSIC PHY (depending on the strap option).
Table 27: GPIO Status Vs. Test Modes
Test Mode
Function Select
Status for All GPIOs
TRISTATE_IND
12
Input disable
TRISTATE_PDN
13
Pull down
TRISTATE_PUP
14
Pull up
TRISTATE
15
Tristate
Table 26: GPIO Alternative Signal Functions (Cont.)
Test Mode
UART
SFLASH
SPROM
BSC
Miscellaneous-
0 (JTAG_SEL =
1)
GCI
Miscellaneous-1 Miscellaneous-2 PWDOG
Pin
Names
Function Select
Additional
Functionality
0
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com