Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 126 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 126 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 122Page - Cypress Semiconductor BCM4354 Datasheet HTML 123Page - Cypress Semiconductor BCM4354 Datasheet HTML 124Page - Cypress Semiconductor BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 192 page
background image
DC Characteristics
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 125
Section 14: DC Characteristics
Absolute Maximum Ratings
Note: Values in this data sheet are design goals and are subject to change based on the results of
device characterization.
Caution! The absolute maximum ratings in Table 29 indicate levels where permanent damage to the
device can occur, even if these limits are exceeded for only a brief duration. Functional operation is
not guaranteed under these conditions. Operation at absolute maximum conditions for extended
periods can adversely affect long-term reliability of the device.
Table 29: Absolute Maximum Ratings
Rating
Symbol
Value
Unit
DC supply for VBAT and PA driver supplya
a. The maximum continuous voltage is 5.25V. Voltage transients up to 6.0V for up to 10 seconds, cumulative
duration over the lifetime of the device, are allowed. Voltage transients as high as 5.5V for up to 250 seconds,
cumulative duration over the lifetime of the device, are allowed.
VBAT
–0.5 to +6.0
V
DC supply voltage for digital I/O
VDDIO
–0.5 to 3.9
V
DC supply voltage for RF switch I/Os
VDDIO_RF
–0.5 to 3.9
V
DC input supply voltage for CLDO and LNLDO
–
–0.5 to 1.575
V
DC supply voltage for RF analog
VDDRF
–0.5 to 1.32
V
DC supply voltage for core
VDDC
–0.5 to 1.32
V
WRF_TCXO_VDD
–
–0.5 to 3.63
V
Maximum undershoot voltage for I/Ob
b. Duration not to exceed 25% of the duty cycle.
Vundershoot
–0.5
V
Maximum overshoot voltage for I/Ob
Vovershoot
VDDIO + 0.5
V
Maximum junction temperature
Tj
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com