Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 123Page - Cypress Semiconductor BCM4354 Datasheet HTML 124Page - Cypress Semiconductor BCM4354 Datasheet HTML 125Page - Cypress Semiconductor BCM4354 Datasheet HTML 126Page - Cypress Semiconductor BCM4354 Datasheet HTML 127Page - Cypress Semiconductor BCM4354 Datasheet HTML 128Page - Cypress Semiconductor BCM4354 Datasheet HTML 129Page - Cypress Semiconductor BCM4354 Datasheet HTML 130Page - Cypress Semiconductor BCM4354 Datasheet HTML 131Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 192 page
background image
Environmental Ratings
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 126
Environmental Ratings
The environmental ratings are shown in Table 30.
Electrostatic Discharge Specifications
Proper use of wrist and heel grounding straps is required to discharge static electricity when handling the
BCM4354.
Table 30: Environmental Ratings
Characteristic
Value
Units
Conditions/Comments
Ambient Temperature (TA)
–30 to +85
°C
Functional operationa
a. Functionality is guaranteed but specifications require derating at extreme temperatures; see the specification
tables for details.
Storage Temperature
–40 to +125
°C
–
Relative Humidity
Less than 60
%
Storage
Less than 85
%
Operation
Caution! Electrostatic discharge (ESD) damage can occur if the BCM4354 is mishandled. Always
wear an ESD-preventive wrist or heel ground strap when handling the BCM4354. As with all electrical
devices of this type, take all necessary safety precautions to prevent damage to the equipment. When
not being used, always store the BCM4354 in antistatic packaging.
Table 31: Electrostatic Discharge Specifications
Pin Type
Symbol
Condition
ESD Rating
Unit
ESDa
a. Handling Reference: NQY00083, Section 3.4, Group D9, Table B.
ESD_HAND_HBM
Human body model contact discharge per
JEDEC EID/JESD22-A114.
WLBGA:
1.k
WLCSP:
1.5k
V
CDM
ESD_HAND_CDM
Charged device model contact JEDEC EIA/
JESD22-C101.
WLBGA:
300
WLCSP:
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com