Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 137 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 137 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 133Page - Cypress Semiconductor BCM4354 Datasheet HTML 134Page - Cypress Semiconductor BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor BCM4354 Datasheet HTML 140Page - Cypress Semiconductor BCM4354 Datasheet HTML 141Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 192 page
background image
FM Receiver Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 136
RDS
RDS sensitivitye,f
RDS deviation = 1.2 kHz
–
16
–
dBµV
EMF
–6.3
–
µV EMF
–
10
–
dBuV
RDS deviation = 2 kHz
–
12
–
dBµV
EMF
–4
–
µV EMF
–
6
–
dBuV
RDS selectivityf
Wanted Signal: 33 dBµV EMF (45 µV EMF), 2 kHz RDS deviation
Interferer: ∆f = 40 kHz, fmod = 1 kHz
±200 kHz
–
49
–
dB
±300 kHz
–
52
–
dB
±400 kHz
–
52
–
dB
RF input impedance
–
1.5
–
–
kΩ
Antenna tuning capacitor –
2.5
–
30
pF
Maximum input levelc
SNR > 26 dB
–
–
113
dBµV
EMF
––
446
mV EMF
––
107
dBuV
RF conducted emissions
(measured into a 50Ω
load)
Local oscillator breakthrough measured
on the reference port
––
–55
dBm
869–894 MHz, 925–960 MHz,
1805–1880 MHz, 1930–1990 MHz.
GPS
––
–90
dBm
Table 37: FM Receiver Specifications (Cont.)
Parameter
Conditionsa
Minimum
Typica
l
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com