Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 139 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 139 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 135Page - Cypress Semiconductor BCM4354 Datasheet HTML 136Page - Cypress Semiconductor BCM4354 Datasheet HTML 137Page - Cypress Semiconductor BCM4354 Datasheet HTML 138Page - Cypress Semiconductor BCM4354 Datasheet HTML 139Page - Cypress Semiconductor BCM4354 Datasheet HTML 140Page - Cypress Semiconductor BCM4354 Datasheet HTML 141Page - Cypress Semiconductor BCM4354 Datasheet HTML 142Page - Cypress Semiconductor BCM4354 Datasheet HTML 143Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 192 page
background image
FM Receiver Specifications
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 138
Search time
Total time for an automatic search to
sweep from 88–108 MHz or 76–90 MHz
(and reverse direction) assuming no
channels are found.
––
8
sec
General Audio
Audio output levelg
–
–14.5
–
–12.5
dBFS
Maximum audio output
levelh
––
–
0
dBFS
Audio DAC output levelg
–72
–
88
mV rms
Maximum DAC audio
output levelh
––
333
–
mV rms
Audio DAC output level
differencei
––1
–
1
dB
Left and right AC mute
FM input signal fully muted with DAC
enabled
60
–
–
dB
Left and right hard mute
FM input signal fully muted with DAC
disabled
80
–
–
dB
Soft mute attenuation and
start level
Muting is performed dynamically
proportional to the FM wanted input
signal C/N. The muting characteristic is
fully programmable. Refer to “Audio
Features” on page 63 for further details.
––
–
–
Maximum signal plus
noise-to-noise ratio
(S + N)/N, mono i
––
69
–
dB
Maximum signal plus
noise-to-noise ratio
(S + N)/N, stereog
––
64
–
dB
Total harmonic distortion,
mono
Vin = 66 dBµV EMF (2 mV EMF),
∆f = 75 kHz, fmod = 400 Hz
––
0.8
%
∆f = 75 kHz, fmod = 1 kHz
–
–
0.8
%
∆f = 75 kHz, fmod = 3 kHz
–
–
0.8
%
∆f = 100 kHz, fmod = 1 kHz
–
–
1.0
%
Total harmonic distortion,
stereo
Vin = 66 dBµV EMF (2 mV EMF)
∆f = 67.5 kHz, fmod = 1 kHz, ∆f
Pilot = 7.5 kHz, L = R
––
1.5
%
Audio spurious productsi Range from 300 Hz to 15 kHz, with
respect to 1 kHz tone
––
–60
dBc
Audio bandwidth, upper (–
3 dB point)
Vin = 66 dBµV EMF (2 mV EMF)
∆f = 8 kHz, for 50 µs
15
–
–
kHz
Audio bandwidth, lower (–
3 dB point)
––
20
Hz
Table 37: FM Receiver Specifications (Cont.)
Parameter
Conditionsa
Minimum
Typica
l
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com