Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB9D560
Description  32-bit Microcontroller TraveoTM Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9D560 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB9D560 Datasheet HTML 45Page - Cypress Semiconductor MB9D560 Datasheet HTML 46Page - Cypress Semiconductor MB9D560 Datasheet HTML 47Page - Cypress Semiconductor MB9D560 Datasheet HTML 48Page - Cypress Semiconductor MB9D560 Datasheet HTML 49Page - Cypress Semiconductor MB9D560 Datasheet HTML 50Page - Cypress Semiconductor MB9D560 Datasheet HTML 51Page - Cypress Semiconductor MB9D560 Datasheet HTML 52Page - Cypress Semiconductor MB9D560 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Document Number: 002-05679 Rev.*A
Page 49 of 91
MB9D560 Series
(TA: Recommended operating conditions, VCC = 5.0V0.5V, VDD = 1.2V0.1V, VSS = AVSS = RVSS = 0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input leakage
current
IIL
All input pin
VCC = AVCC = RVCC = 5.5V
VSS  VI  VCC
-5
-
+5
A
Pull-up
resistance
RUP1
RSTX, NMIX
-
25
-
100
k
RUP2
P000 to P016,
P026,
P030 to P031,
P100 to P116,
P126, P131,
P200 to P231,
P300 to P306,
P309 to P330,
P406 to P423,
P425 to P431
When pull-up resistance
is selected
25
-
100
k
Input capacitor
CIN
Other than
VCC, VSS,
AVCC, AVSS,
RVCC, RVSS
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com