Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB9D560
Description  32-bit Microcontroller TraveoTM Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9D560 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB9D560 Datasheet HTML 1Page - Cypress Semiconductor MB9D560 Datasheet HTML 2Page - Cypress Semiconductor MB9D560 Datasheet HTML 3Page - Cypress Semiconductor MB9D560 Datasheet HTML 4Page - Cypress Semiconductor MB9D560 Datasheet HTML 5Page - Cypress Semiconductor MB9D560 Datasheet HTML 6Page - Cypress Semiconductor MB9D560 Datasheet HTML 7Page - Cypress Semiconductor MB9D560 Datasheet HTML 8Page - Cypress Semiconductor MB9D560 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
Document Number: 002-05679 Rev.*A
Page 3 of 91
MB9D560 Series
Main SRAM (TCRAM)
BTCM connection of Cortex-R5F
1 main SRAM as CPU 1 unit
Interleave with 2 ports of B0TCM and B1TCM
ECC support (SEC-DED)
BootROM
Size: 16K byte
Boot operation support
Serial writer program support
DMA controller (DMAC)
16 channels
Transfer mode
Block transfer, Burst transfer
Addressing mode
Fixed, increment
Priority between channels
Fixed, Dynamic, Round robin
Interrupt control (IRC)
Support normal interrupt (IRQ) and non-maskable interrupt
(NMI)
Normal interrupt (IRQ)
Use Interrupt Request (IRQ) of Cortex-R5F
512 channels
32 level for priority
Support low latency interrupt response from VIC port of
Cortex-R5F
Non-maskable interrupt (NMI)
Use fast interrupt request (FIQ) of Cortex-R5F
32 channels
16 level for priority
Support software interrupt generation
External interrupt (EXT-IRQ)
Input
Normal interrupt (IRQ): 8 input
Non-maskable interrupt (NMI): 1 input
Detection method
H level , L level , rise edge, fall edge, both edge
Inter-processor communications unit (IPCU)
Mailbox function
Data communication for CPU core communication by 8
Mailbox
Support of interrupt between CPU core
Exclusion access memory (EAM)
Small size memory to support exclusion control on exclusion
access instruction
Use for semaphore
Size: 48 byte
Bit-band unit (BBU)
The bit operation of specified register bit on Bit band area, it
is mapping 1 bit of bit band area to support bit band alias
area for 1 byte. The target of bit band access is specified
register bit on I/O area
CRC
Output to register of CRC code according real time writing to
input register
Base timer
16-bit timer
Any of four PWM/PPG/reload/PWC timer functions can be
selected and used.
A 32-bit timer can be used in 2 channels of cascade mode
as reload/PWC timer.
16-bit free-run timer (FRT)
16 bit up/down counter (2 channels for motor control only)
32-bit free-run timer
32 bit up/down counter
16-bit input capture (ICU)
Input capture
16-bit capture register that detects rise edge, Fall edge,
both edge
Generate interrupt request after latch of counter number of
16 bit
Free-run timer with edge detection of pin input
32-bit input capture
Input capture
32-bit capture register that detects rise edge, fall edge,
both edge
Generate interrupt request after latch of counter number of
32 bit
Free-run timer with edge detection of pin input
LIN sync break/sync field relation is following.
Input capture ch.0
 Multi-function serial interface ch.0
Input capture ch.1
 Multi-function serial interface ch.1
Input capture ch.2
 Multi-function serial interface ch.2
Input capture ch.3
 Multi-function serial interface ch.3
Input capture ch.4
 Multi-function serial interface ch.4
16-bit output compare (OCU)
Output interrupt signal when compare with 16-bit free-run
timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com