Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB9D560
Description  32-bit Microcontroller TraveoTM Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9D560 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB9D560 Datasheet HTML 7Page - Cypress Semiconductor MB9D560 Datasheet HTML 8Page - Cypress Semiconductor MB9D560 Datasheet HTML 9Page - Cypress Semiconductor MB9D560 Datasheet HTML 10Page - Cypress Semiconductor MB9D560 Datasheet HTML 11Page - Cypress Semiconductor MB9D560 Datasheet HTML 12Page - Cypress Semiconductor MB9D560 Datasheet HTML 13Page - Cypress Semiconductor MB9D560 Datasheet HTML 14Page - Cypress Semiconductor MB9D560 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
Document Number: 002-05679 Rev.*A
Page 11 of 91
MB9D560 Series
3. Pin Description
Part Number with RDC
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin
176 pin
3
-
P305
FRCK0
E
General-purpose I/O port
16-bit free-run timer ch.0 external clock input pin
4
-
P306
FRCK1
E
General-purpose I/O port
16-bit free-run timer ch.1 external clock input pin
5
3
P000
DTTI0
4ADTG0
E
General-purpose I/O port
Waveform generator output stop signal input pin 0
4ch sample-hold A/D converter unit0 external trigger input pin
6
4
P001
RTO0
E
General-purpose I/O port
Waveform generator ch.0 output pin
7
5
P002
RTO1
E
General-purpose I/O port
Waveform generator ch.1 output pin
8
6
P003
RTO2
E
General-purpose I/O port
Waveform generator ch.2 output pin
9
7
P004
RTO3
E
General-purpose I/O port
Waveform generator ch.3 output pin
10
8
P005
RTO4
E
General-purpose I/O port
Waveform generator ch.4 output pin
11
9
P006
RTO5
E
General-purpose I/O port
Waveform generator ch.5 output pin
14
10
P007
4AN0
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 0 input pin
15
11
P008
4AN1
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 1 input pin
16
12
P009
4AN2
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 2 input pin
17
13
P010
4AN3
F
General-purpose I/O port
4ch sample-hold A/D converter unit0 analog 3 input pin
23
19
P011
RDC_W0
ZIN0
E
General-purpose I/O port
R/D converter unit0 W-phase output pin
Up/Down counter ch.0 ZIN input pin
24
20
P012
RDC_V0
BIN0
E
General-purpose I/O port
R/D converter unit0 V-phase output pin
Up/Down counter ch.0 BIN input pin
25
21
P013
RDC_U0
AIN0
E
General-purpose I/O port
R/D converter unit0 U-phase output pin
Up/Down counter ch.0 AIN input pin
26
22
P014
RDC_Z0
ZIN1
E
General-purpose I/O port
R/D converter unit0 Z-phase output pin
Up/Down counter ch.1 ZIN input pin
27
23
P015
RDC_B0
BIN1
E
General-purpose I/O port
R/D converter unit0 B-phase output pin
Up/Down counter ch.1 BIN input pin
28
24
P016
RDC_A0
AIN1
E
General-purpose I/O port
R/D converter unit0 A-phase output pin
Up/Down counter ch.1 AIN input pin
29
25
AREF20
L
R/D converter unit0 Aref output pin(RVCC0/2)
30
26
SIN_IN0
K
R/D converter unit0 SIN coil earth leakage detection input pin
31
27
COS_IN0
K
R/D converter unit0 COS coil earth leakage detection input pin
32
28
SIN_OUT0
L
R/D converter unit0 SIN output pin
33
29
SIN_MINUS0
K
R/D converter unit0 SIN input pin-
34
30
SIN_PLUS0
K
R/D converter unit0 SIN input pin+
35
31
COS_PLUS0
K
R/D converter unit0 COS input pin+
36
32
COS_MINUS0
K
R/D converter unit0 COS input pin-
37
33
COS_OUT0
L
R/D converter unit0 COS output pin
43
39
RDC_ACT0
P026
E
R/D converter unit0 operation status output pin
General-purpose I/O port
44
40
MAG_MINUS0
K
R/D converter unit0 excitation external input pin-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com