Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 218Page - National Semiconductor (TI) PC87414 Datasheet HTML 219Page - National Semiconductor (TI) PC87414 Datasheet HTML 220Page - National Semiconductor (TI) PC87414 Datasheet HTML 221Page - National Semiconductor (TI) PC87414 Datasheet HTML 222Page - National Semiconductor (TI) PC87414 Datasheet HTML 223Page - National Semiconductor (TI) PC87414 Datasheet HTML 224Page - National Semiconductor (TI) PC87414 Datasheet HTML 225Page - National Semiconductor (TI) PC87414 Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 257 page
background image
10.0 Legacy Functional Blocks (Continued)
www.national.com
222
Revision1.2
10.2 PARALLEL PORT
10.2.1
General Description
The Parallel Port supports all IEEE1284 standard communication modes:
q
Compatibility (known also as Standard or SPP).
q
Bidirectional (known also as PS/2).
q
FIFO.
q
EPP (known also as Mode 4).
q
ECP (with an optional Extended ECP mode).
10.2.2
Parallel Port Register Map
The Parallel Port includes two groups of runtime registers, as follows:
• A group of 21 registers at first level offset, sharing 14 entries. Three of these registers (at offsets 403h, 404h and 405h)
are used only in the Extended ECP mode.
• A group of four registers, used only in the Extended ECP mode, accessed by a second level offset.
EPP and second level offset registers are available only when the base address is 8-byte aligned.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters are used and which address bits are used for the base address. See Tables 60 and 61 for a listing of all registers, their
offset addresses and the associated modes. All registers are VDD powered.
Table 60. Parallel Port Registers at First Level Offset
Offset
Mnemonic
Mode(s)
Register Name
Type
00h
DATAR
0,1
Data
R/W
AFIFO
3
ECP FIFO (Address)
W
DTR
4
Data (for EPP)
R/W
01h
DSR
0,1,2,3
Status
RO
STR
4
Status (for EPP)
RO
02h
DCR
0,1,2,3
Control
R/W
CTR
4
Control (for EPP)
R/W
03h
ADDR
4
EPP Address
R/W
04h
DATA0
4
EPP Data Port 0
R/W
05h
DATA1
4
EPP Data Port 1
R/W
06h
DATA2
4
EPP Data Port 2
R/W
07h
DATA3
4
EPP Data Port 3
R/W
400h
CFIFO
DFIFO
TFIFO
CNFGA
2
3
6
7
PP Data FIFO
ECP Data FIFO
Test FIFO
Configuration A
W
R/W
R/W
RO
401h
CNFGB
7
Configuration B
RO
402h
ECR
0,1,2,3
Extended Control
R/W
403h
EIR1
1. These registers are extended to the standard IEEE1284 registers. They
are only accessible when enabled by bit 4 of the Parallel Port Configuration
register (see Section 3.9.3 on page 62).
0,1,2,3
Extended Index
R/W
404h
EDR1
0,1,2,3
Extended Data
R/W
405h
EAR1
0,1,2,3
Extended Auxiliary Status
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com