Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 43Page - National Semiconductor (TI) PC87414 Datasheet HTML 44Page - National Semiconductor (TI) PC87414 Datasheet HTML 45Page - National Semiconductor (TI) PC87414 Datasheet HTML 46Page - National Semiconductor (TI) PC87414 Datasheet HTML 47Page - National Semiconductor (TI) PC87414 Datasheet HTML 48Page - National Semiconductor (TI) PC87414 Datasheet HTML 49Page - National Semiconductor (TI) PC87414 Datasheet HTML 50Page - National Semiconductor (TI) PC87414 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
47
www.national.com
3.5.6
X-Bus I/O Map Lock (PC87416 and PC87417)
Protects the configuration of the X-Bus I/O address mapping.
Lock bit: LOCKIOMP in XIOCNF register (Device Configuration).
Unlock bit: UNLOCKX in ACBLKCTL register (ACCESS.bus Interface - PC87417).
Protected bits: All bits of the XIOCNF, XIOBA1H, XIOBA1L, XIOSIZE1, XIOBA2H, XIOBA2L and XIOSIZE2 registers (De-
vice Configuration).
3.5.7
X-Bus Memory Map Lock (PC87416 and PC87417)
Protects the configuration of the X-Bus memory address mapping.
Lock bit: LOCKMMP in XMEMCNF2 register (Device Configuration).
Unlock bit: UNLOCKX in ACBLKCTL register (ACCESS.bus Interface - PC87417).
Protected bits: All bits of the XMEMCNF1, XMEMCNF2, XMEMBAH, XMEMBAL and XMEMSIZE registers (Device Config-
uration).
3.5.8
X-Bus Chip Select Configuration Lock (PC87416 and PC87417)
Protects the configuration of the four X-Bus chip selects.
Lock bit: LOCKXSCF in XZM0 to XZM3 register (X-Bus Extension).
Unlock bit: UNLOCKX in ACBLKCTL register (ACCESS.bus Interface - PC87417).
Protected bits: All bits of the XBCNF, XZCNF0 to XZCNF3 and XZM0 to XZM3 registers, except the WRSTAT bit of the
XZM0-XZM3 registers (X-Bus Extension).
3.5.9
X-Bus Host Protection Lock (PC87416 and PC87417)
Protects the Host Protection configuration bits for each memory block of XCS0 and XCS1 chip selects.
Lock bit: LOCKXHP in all 16 indexes of the HAP0 and HAP1 registers (X-Bus Extension).
Unlock bit: UNLOCKX in ACBLKCTL register (ACCESS.bus Interface - PC87417).
Protected bits: HWRP and HRDP bits of all 16 indexes of the HAP0 and HAP1 registers (X-Bus Extension).
3.5.10
SWC Timers Protection Lock
Protects the access to the reset of the Power Active timers in the SWC module.
Lock bit: LOCK_TMRRST in PWTMRCTL register (System Wake-Up Control).
Unlock bit: UNLOCKS in ACBLKCTL register (ACCESS.bus Interface - PC87413 and PC87417).
Protected bits: All bits of the PWTMRCTL register (System Wake-Up Control).
3.5.11
SWC Sleep State Configuration Lock
Protects the Sleep Type encoding configuration in the SWC module.
Lock bit: LOCK_SLP_ENC in SLP_ST_CFG register (System Wake-Up Control).
Unlock bit: UNLOCKS in ACBLKCTL register (ACCESS.bus Interface - PC87413 and PC87417).
Protected bits: All bits of the SLP_ST_CFG and S0_SLP_TYP to S5_SLP_TYP registers (System Wake-Up Control).
3.5.12
CMOS RAM Access Lock
Protects access lock configuration bits of the CMOS Standard and Extended RAM.
Lock bits: BLSTR, BLRWR, BLEXRWR, BLEXRRD and BLEXR in RLR register (Real-Time Clock).
Unlock bit: UNLOCKR in ACBLKCTL register (ACCESS.bus Interface - PC87413 and PC87417).
Protected bits: Standard and Extended CMOS RAM bits for read and/or write access by the host (Real-Time Clock; see Sec-
tion 3.16.3 on page 88).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com