Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 21Page - National Semiconductor (TI) PC87414 Datasheet HTML 22Page - National Semiconductor (TI) PC87414 Datasheet HTML 23Page - National Semiconductor (TI) PC87414 Datasheet HTML 24Page - National Semiconductor (TI) PC87414 Datasheet HTML 25Page - National Semiconductor (TI) PC87414 Datasheet HTML 26Page - National Semiconductor (TI) PC87414 Datasheet HTML 27Page - National Semiconductor (TI) PC87414 Datasheet HTML 28Page - National Semiconductor (TI) PC87414 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 257 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.2
25
www.national.com
1.4.5
Parallel Port
Signal
Pin/s
I/O
Buffer Type Power Well
Description
ACK
78
I
INT
VDD
Acknowledge. Pulsed low by the printer to indicate that it has
received data from the parallel port.
AFD_DSTRB 90
O
OD14,O14/14
VDD
AFD - Automatic Feed. When low, instructs the printer to
automatically feed a line after printing each line. This pin is in
TRI-STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
DSTRB - Data Strobe (EPP). Active low, used in EPP mode
to denote a data cycle. When the cycle is aborted, DSTRB
becomes inactive (high).
BUSY_WAIT 77
I
INT
VDD
Busy. Set high by the printer when it cannot accept another
character.
Wait. In EPP mode, the parallel port device uses this active
low signal to extend its access cycle.
ERR
88
I
INT
VDD
Error. Set active low by the printer when it detects an error.
INIT
86
O
OD14,O14/14
VDD
Initialize. When low, initializes the printer. This signal is in
TRI-STATE after a 1 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
PD7-3
PD2
PD1
PD0
79-83
85
87
89
I/O
INT/O14/14
VDD
Parallel Port Data. Transfers data to and from the peripheral
data bus and the appropriate parallel port data register. These
signals have a high current drive capability.
PE
76
I
INT
VDD
Paper End. Set high by the printer when it is out of paper. This
pin has an internal weak pull-up or pull-down resistor.
SLCT
75
I
INT
VDD
Select. Set active high by the printer when the printer is
selected.
SLIN_ASTRB 84
O
OD14,O14/14
VDD
SLIN - Select Input. When low, selects the printer. This signal
is in TRI-STATE after a 0 is loaded into the corresponding
control register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
ASTRB - Address Strobe (EPP). Active low, used in EPP
mode to denote an address or data cycle. When the cycle is
aborted, ASTRB becomes inactive (high).
STB_WRITE 91
O
OD14,O14/14
VDD
STB - Data Strobe. When low, Indicates to the printer that
valid data is available at the printer port. This signal is in
TRI-STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
WRITE - Write Strobe. Active low, used in EPP mode to
denote an address or data cycle. When the cycle is aborted,
WRITE becomes inactive (high).
PPDIS
121
IINT
VDD
Parallel Port Disable. When high, this input disables (TRI-
STATEs) all the output signals of the parallel port.1
1. If this feature is not used, either select the alternate function (P12 port) at the pin multiplexer (see Section 3.7.3
on page 50) or connect an external 3.3 K
Ω pull-down resistor to this pin. If the function connected to the
pin is PPDIS and the pin is left unconnected, the output signals of the parallel port will float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com