Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 57Page - National Semiconductor (TI) PC87414 Datasheet HTML 58Page - National Semiconductor (TI) PC87414 Datasheet HTML 59Page - National Semiconductor (TI) PC87414 Datasheet HTML 60Page - National Semiconductor (TI) PC87414 Datasheet HTML 61Page - National Semiconductor (TI) PC87414 Datasheet HTML 62Page - National Semiconductor (TI) PC87414 Datasheet HTML 63Page - National Semiconductor (TI) PC87414 Datasheet HTML 64Page - National Semiconductor (TI) PC87414 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
61
www.national.com
3.9
PARALLEL PORT (PP) CONFIGURATION
3.9.1
General Description
The PC8741x Parallel Port supports all IEEE1284 standard communication modes: Compatibility (also known as Standard
or SPP), Bidirectional (known also as PS/2), FIFO, EPP (also known as mode 4) and ECP (with an optional Extended ECP
mode).
The Parallel Port includes two groups of runtime registers, as follows (see Section 10.2 on page 222):
• A group of 21 registers at first level offset, sharing 14 entries. Three of this registers (at offsets 403h, 404h and 405h)
are used only in the Extended ECP mode.
• A group of four registers, used only in the Extended ECP mode, accessed by a second level offset.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters are used and which address bits are used for the base address. The FDC functional block registers are shown in
Section 10.2 on page 222. All these registers are VDD powered.
3.9.2
Logical Device 1 (PP) Configuration
Table 18 lists the configuration registers that affect the Parallel Port. Only the last register (F0h) is described here. See Sec-
tion 3.2.3 on page 40 for descriptions of the other configuration registers. All these registers are VDD powered.
Table 18. Parallel Port Configuration Registers
Index
Configuration Register or Action
Type
Power Well
Reset
30h Activate (see Section 3.3.1 on page 43).
R/W
VDD
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b. Bit 2
(for A10) must be 0b.
R/W
VDD
02h
61h Base Address LSB register. Bits 1 and 0 (A1 and A0) are read only, 00b. For ECP
mode 4 (EPP) or when using the Extended registers, bit 2 (A2) must also be 0b.
R/W
VDD
78h
70h Interrupt Number and Wake-Up on IRQ Enable register.
R/W
VDD
07h
71h Interrupt Type:
Bits 7-2 are read only.
Bit 1 is a read/write bit.
Bit 0 is read only. It reflects the interrupt type dictated by the Parallel Port
operation mode. This bit is set to 1 (level interrupt) in Extended mode and
cleared (edge interrupt) in all other modes.
R/W
VDD
02h
74h DMA Channel Select.
R/W
VDD
04h
75h Report no second DMA assignment.
RO
VDD
04h
F0h Parallel Port Configuration register.
R/W
VDD
F2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com