Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 5Page - National Semiconductor (TI) PC87414 Datasheet HTML 6Page - National Semiconductor (TI) PC87414 Datasheet HTML 7Page - National Semiconductor (TI) PC87414 Datasheet HTML 8Page - National Semiconductor (TI) PC87414 Datasheet HTML 9Page - National Semiconductor (TI) PC87414 Datasheet HTML 10Page - National Semiconductor (TI) PC87414 Datasheet HTML 11Page - National Semiconductor (TI) PC87414 Datasheet HTML 12Page - National Semiconductor (TI) PC87414 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 257 page
background image
Table of Contents (Continued)
Revision 1.2
9
www.national.com
3.11
SERIAL PORT 1 CONFIGURATION ........................................................................................ 65
3.11.1
General Description ..................................................................................................... 65
3.11.2
Logical Device 3 (SP1) Configuration .......................................................................... 65
3.11.3
Serial Port 1 Configuration Register ............................................................................ 66
3.12
SYSTEM WAKE-UP CONTROL (SWC) CONFIGURATION .................................................... 67
3.12.1
General Description ..................................................................................................... 67
3.12.2
Logical Device 4 (SWC) Configuration ........................................................................ 67
3.13
KEYBOARD AND MOUSE CONTROLLER (KBC) CONFIGURATION .................................... 68
3.13.1
General Description ..................................................................................................... 68
3.13.2
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration .................................. 68
3.13.3
KBC Configuration Register ........................................................................................ 69
3.14
GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION ......................... 70
3.14.1
General Description ..................................................................................................... 70
3.14.2
Logical Device 7 (GPIO) Configuration ....................................................................... 71
3.14.3
GPIO Pin Select Register (GPSEL) ............................................................................. 72
3.14.4
GPIO Pin Configuration Register 1 (GPCFG1) ........................................................... 72
3.14.5
GPIO Event Routing Register (GPEVR) ...................................................................... 74
3.14.6
GPIO Pin Configuration Register 2 (GPCFG2) ........................................................... 74
3.15
X-BUS CONFIGURATION ........................................................................................................75
3.15.1
Logical Device F (X-Bus) Configuration ...................................................................... 75
3.15.2
X-Bus I/O Range Programming ................................................................................... 75
3.15.3
X-Bus Memory Range Programming ........................................................................... 76
3.15.4
X-Bus I/O Configuration Register (XIOCNF) ............................................................... 78
3.15.5
X-Bus I/O Base Address 1 High Byte Register (XIOBA1H) ......................................... 79
3.15.6
X-Bus I/O Base Address 1 Low Byte Register (XIOBA1L) .......................................... 80
3.15.7
X-Bus I/O Size 1 Configuration Register (XIOSIZE1) .................................................. 80
3.15.8
X-Bus I/O Base Address 2 High Byte Register (XIOBA2H) ......................................... 81
3.15.9
X-Bus I/O Base Address 2 Low Byte Register (XIOBA2L) .......................................... 81
3.15.10 X-Bus I/O Size 2 Configuration Register (XIOSIZE2) ................................................. 82
3.15.11 X-Bus Memory Configuration Register 1 (XMEMCNF1) ............................................ 83
3.15.12 X-Bus Memory Configuration Register 2 (XMEMCNF2) ............................................ 84
3.15.13 X-Bus Memory Base Address High Byte Register (XMEMBAH) ................................ 85
3.15.14 X-Bus Memory Base Address Low Byte Register (XMEMBAL) ................................. 85
3.15.15 X-Bus Memory Size Configuration Register (XMEMSIZE) ......................................... 86
3.15.16 X-Bus IRQ Mapping Register (XIRQMAP) ................................................................. 86
3.16
REAL TIME CLOCK (RTC) CONFIGURATION ....................................................................... 87
3.16.1
General Description ..................................................................................................... 87
3.16.2
Logical Device 10 (RTC) Configuration ....................................................................... 87
3.16.3
RAM Lock Register (RLR) ........................................................................................... 88
3.16.4
Date-of-Month Alarm Register Offset (DOMAO) ......................................................... 89
3.16.5
Month Alarm Register Offset (MONAO) ...................................................................... 89
3.16.6
Century Register Offset (CENO) ................................................................................. 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com