Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 166 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 166 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 162Page - National Semiconductor (TI) PC87414 Datasheet HTML 163Page - National Semiconductor (TI) PC87414 Datasheet HTML 164Page - National Semiconductor (TI) PC87414 Datasheet HTML 165Page - National Semiconductor (TI) PC87414 Datasheet HTML 166Page - National Semiconductor (TI) PC87414 Datasheet HTML 167Page - National Semiconductor (TI) PC87414 Datasheet HTML 168Page - National Semiconductor (TI) PC87414 Datasheet HTML 169Page - National Semiconductor (TI) PC87414 Datasheet HTML 170Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
166
Revision1.2
page 201). This functionality is required for ACPI compatibility in case the Sleep Button event is implemented in an (optional)
external ACPI controller. Both status bits are cleared when the software writes ‘1’ to either of them. If a low level is present
at the input when software writes ‘1’ to the status bit, the status bit remains set.
The low level detection from SLBTIN is enabled (for event generation) 1 second after the VSB power is on. This prevents the
detection of false events during VSB power-On transitions.
9.2.2
Internal Events
RTC Alarm Event
An RTC Alarm event is generated by the RTC functional block. An asserted RTC Alarm sets the RTC_STS status bit in the
PM1b_STS_HIGH register (see Section 9.4.3 on page 205) and the RTC_EVT_STS status bit in the GPE1_STS_3 register
(see Section 9.4.11 on page 211). Note, however, that the RTC_STS status bit is not set if the RTC_EV_DIS bit in the
ACPI_CFG register (see Section 9.3.32 on page 201) is reset. This functionality is required for ACPI compatibility in case
the RTC Alarm event is implemented in an (optional) external ACPI controller. Both status bits are cleared when the software
writes ‘1’ to any of them. If the RTC Alarm is asserted when software writes ‘1’ to the status bit, the status bit remains set.
KBC P12 Event
A KBC P12 event is detected when the P12 port of the Keyboard Controller (KBC) functional block is set to ‘1’. For this to
happen, the KBC module must be enabled (see Section 3.3.1 on page 43). Since the Keyboard Controller functional block
is powered by VDD, a P12 event can occur only when VDD is present.
A high level at the P12 port of the KBC sets the P12_EVT_STS status bit in the GPE1_STS_3 register (see Section 9.4.11
on page 211). The status bit is cleared only when the software writes ‘1’ to it. If the P12 port is at high level when software
writes ‘1’ to the status bit, the status bit remains set.
Keyboard and Mouse IRQ Events
Keyboard and Mouse IRQ events are detected when either the Keyboard IRQ or Mouse IRQ is asserted.
To enable the IRQ of a logical device to generate an IRQ event, the associated Enable bit (bit 4 of the configuration register
at index 70h; see Section 3.2.3 on page 40) must be set to ‘1’. Since the Keyboard Controller (KBC) functional block is pow-
ered by VDD, a Keyboard or Mouse IRQ event can occur only when VDD is present.
An active (level-type) Keyboard IRQ event sets the KBD_IRQ_STS status bit and an active Mouse IRQ event sets the
MS_IRQ_STS status bit. Both status bits are in the GPE1_STS_3 register (see Section 9.4.11 on page 211). A status bit is
cleared only when the software writes ‘1’ to it. If the IRQ event is active when software writes ‘1’ to the status bit, the status
bit remains set.
The ROM code used for the Keyboard Controller generates active high Keyboard and Mouse interrupts, used by the SWC
module.
Module IRQ Event
A Module IRQ event is detected when one of the Legacy modules (FDC, Parallel Port, Serial Port 1 or 2) asserts its IRQ or
when an active level is detected at the XIRQ pin (PC87416 and PC87417).
To enable the IRQ of a logical device to generate an IRQ event, the associated Enable bit (bit 4 of the configuration register
at index 70h; see Section 3.2.3 on page 40) must be set to ‘1’. Since the Legacy modules are powered by VDD, they can
assert IRQ only when VDD is present.
To enable an active level at the XIRQ pin (PC87416 and PC87417) to generate an event, both the IRQEN and the PWUREN
bits in the XIRQC register (see Section 5.4.4 on page 110) must be set to ‘1’. Since the XIRQ interrupt belongs to the X-Bus
Extension functional block powered by VSB, an active level at the XIRQ pin can also generate a Module IRQ event when
VDD is off. The XIRQ detection enabled (for event generation) 1 second after the VSB power is on. This prevents the detec-
tion of false events during VSB power-On transitions.
The MOD_IRQ_STS status bit in the GPE1_STS_3 register is set by an IRQ that is asserted by one of the Legacy modules
or by an active level at the XIRQ pin (see Section 9.4.11 on page 211). The status bit is cleared only when the software
writes ‘1’ to it. If the Module IRQ event is active when software writes ‘1’ to the status bit, the status bit remains set.
Watchdog Time-Out Event
A watchdog time-out event is generated by the watchdog function in the SWC module (see Section 9.2.9 on page 174). An
asserted watchdog event sets the WDO_EVT_STS status bit in the GPE1_STS_3 register (see Section 9.4.11 on
page 211). A status bit is cleared only when the software writes ‘1’ to it. If the watchdog event is asserted when software
writes ‘1’ to the status bit, the status bit remains set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com