Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 178Page - National Semiconductor (TI) PC87414 Datasheet HTML 179Page - National Semiconductor (TI) PC87414 Datasheet HTML 180Page - National Semiconductor (TI) PC87414 Datasheet HTML 181Page - National Semiconductor (TI) PC87414 Datasheet HTML 182Page - National Semiconductor (TI) PC87414 Datasheet HTML 183Page - National Semiconductor (TI) PC87414 Datasheet HTML 184Page - National Semiconductor (TI) PC87414 Datasheet HTML 185Page - National Semiconductor (TI) PC87414 Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
182
Revision1.2
9.3.5
GPE1_STS Events to IRQ Enable High Register (GPE1_2IRQ_HIGH)
This register enables the wake-up events contained in 24-31 of the GPE1_STS register to generate an IRQ. It is reset by
hardware to 00h.
Power Well:VPP
Location: All Banks, Offset 03h
Type:
R/W
Bit
76543210
Name
SW_OFF
_2IRQ
SW_ON
_2IRQ
Reserved
P12_EVT
_2IRQ
Reserved
Reset
00000000
Bit
Description
7
SW_OFF_2IRQ (Software Off Event to IRQ Enable). Enables the event of the software writing a ‘1’ to the
SW_OFF_CTL bit in the SWC_CTL register to generate an IRQ.
0: Disable IRQ (default)
1: Enable IRQ from the software writing a ‘1’ to the SW_OFF_CTL bit in the SWC_CTL register
6
SW_ON_2IRQ (Software On Event to IRQ Enable). Enables the event of the software writing a ‘1’ to the
SW_ON_CTL bit in the SWC_CTL register to generate an IRQ.
0: Disable IRQ (default)
1: Enable IRQ from the software writing a ‘1’ to the SW_ON_CTL bit in the SWC_CTL register
5-2
Reserved.
1
P12_EVT_2IRQ (Port P12 Event to IRQ Enable). Enables an active high signal generated at the P12 pin to
generate an IRQ.
0: Disable IRQ (default)
1: Enable IRQ from an active high signal generated at the P12 pin
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com