Electronic Components Datasheet Search
  English  ▼

X  

COP8SEC5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP8SEC5 Datasheet HTML 1Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 2Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 3Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 4Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 5Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 6Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 7Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 8Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1.0 Device Description (Continued)
memory to the CPU. This instruction can be used for table
lookup and to read the entire program memory for checksum
calculations.
RETSK: (Return Skip); Single byte instruction allows return
from subroutine and skips next instruction. Decision to
branch can be made in the subroutine itself, saving code.
AUTOINC/DEC: (Auto-Increment/Auto-Decrement); These
instructions use the two memory pointers B and X to effi-
ciently process a block of data (analogous to “FOR NEXT” in
higher level languages).
1.2.3 Bit-Level Control
Bit-level control over many of the microcontroller’s I/O ports
provides a flexible means to ease layout concerns and save
board space. All members of the COP8 family provide the
ability to set, reset and test any individual bit in the data
memory address space, including memory-mapped I/O ports
and associated registers.
1.2.4 Register Set
Three memory-mapped pointers handle register indirect ad-
dressing and software stack pointer functions. The memory
data pointers allow the option of post-incrementing or post-
decrementing with the data movement instructions (LOAD/
EXCHANGE). And 15 memory-maped registers allow de-
signers to optimize the precise implementation of certain
specific instructions.
1.3 PACKAGING/PIN EFFICIENCY
Real estate and board configuration considerations demand
maximum space and pin efficiency, particularly given today’s
high integration and small product form factors. Microcontrol-
ler users try to avoid using large packages to get the I/O
needed. Large packages take valuable board space and in-
crease device cost, two trade-offs that microcontroller de-
signs can ill afford.
The COP8 family offers a wide range of packages and does
not waste pins: up to 90.9% (or 40 pins in the 44-pin pack-
age, these packages are not available on all COP8 devices)
are devoted to useful I/O.
Connection Diagrams
DS100973-6
Top View
Order Number COP8SEC516M
See NS Package Number M16B
DS100973-43
Top View
Order Number COP8SEC520M or COP8SER720M
See NS Package Number M20B
FIGURE 2. Connection Diagrams
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com