Electronic Components Datasheet Search
  English  ▼

X  

COP8SEC5 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button COP8SEC5 Datasheet HTML 38Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 39Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 40Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 41Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 42Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 43Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 44Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 45Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
13.0 Mask Options For COP8SEC5
The mask options for this device are described below. These
options are programmed at the same time as the ROM pat-
tern and therefore must be submitted with the ROM pattern.
OPTION 1: Clock configuration
=1 Crystal Oscillator (CKI/10)
G7
(CKO)
is
clock
generator
output
to
crystal/resonator
CKI is the clock input
=2 Single-pin R/C Controlled Oscillator
G7 is available as a HALT restart and/or general pur-
pose input
CKI is the clock input
OPTION 2: HALT
=1 Enable HALT mode
=2 Disable HALT mode
OPTION 3: WATCHDOG
=1 Enable WATCHDOG output on Pin G1
=2 Disable WATCHDOG output on G1 and Enable stan-
dard I/O on Pin G1
OPTION 4: BONDING
=1 Reserved
=2 20 pin SO
=3 16 pin SO (Note: ROM Mask prototypes of 16 pin SO
devices will be provided in 16 pin ceramic DIP pack-
age)
13.1 Options for COP8SER7
COP8SER7 is only available in two versions:
COP8SER7XXM8–XE Crystal oscillator, HALT enabled,
WATCHDOG enabled.
COP8SER7XXM8–RE R/C
oscillator,
HALT
enabled,
WATCHDOG enabled.
14.0 Development Support
14.1 OVERVIEW
National is engaged with an international community of inde-
pendent 3rd party vendors who provide hardware and soft-
ware development tool support. Through National’s interac-
tion and guidance, these tools cooperate to form a choice of
solutions that fits each developer’s needs.
This section provides a summary of the tool and develop-
ment kits currently available. Up-to-date information, selec-
tion guides, free tools, demos, updates, and purchase infor-
mation
can
be
obtained
at
our
web
site
at:
www.national.com/cop8.
14.2 SUMMARY OF TOOLS
COP8 Evaluation Tools
•
COP8–NSEVAL: Free Software Evaluation package for
Windows. A fully integrated evaluation environment for
COP8, including versions of WCOP8 IDE (Integrated De-
velopment Environment), COP8-NSASM, COP8-MLSIM,
COP8C, DriveWay™ COP8, Manuals, and other COP8
information.
•
COP8–MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
•
COP8–EPU: Very Low cost COP8 Evaluation & Pro-
gramming
Unit.
Windows
based
evaluation
and
hardware-simulation tool, with COP8 device programmer
and erasable samples. Includes COP8-NSDEV, Drive-
way COP8 Demo, MetaLink Debugger, I/O cables and
power supply.
•
COP8–EVAL-HIxx: Low cost target application evalua-
tion and development board for COP8Sx Families, from
Hilton Inc. Real-time environment with integrated A/D,
Temp Sensor, and Peripheral I/O.
•
COP8–EVAL-ICUxx: Very Low cost evaluation and de-
sign test board for COP8ACC and COP8SGx Families,
from ICU. Real-time environment with add-on A/D, D/A,
and EEPROM. Includes software routines and reference
designs.
•
Manuals, Applications Notes, Literature: Available free
from our web site at: www.national.com/cop8.
COP8 Integrated Software/Hardware Design Develop-
ment Kits
•
COP8-EPU: Very Low cost Evaluation & Programming
Unit. Windows based development and hardware-
simulation tool for COPSx/xG families, with COP8 device
programmer and samples. Includes COP8-NSDEV,
Driveway COP8 Demo, MetaLink Debugger, cables and
power supply.
•
COP8-DM: Moderate cost Debug Module from MetaLink.
A Windows based, real-time in-circuit emulation tool with
COP8 device programmer. Includes COP8-NSDEV,
DriveWay COP8 Demo, MetaLink Debugger, power sup-
ply, emulation cables and adapters.
COP8 Development Languages and Environments
•
COP8-NSASM: Free COP8 Assembler v5 for Win32.
Macro assembler, linker, and librarian for COP8 software
development. Supports all COP8 devices. (DOS/Win16
v4.10.2 available with limited support). (Compatible with
WCOP8 IDE, COP8C, and DriveWay COP8).
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com