Electronic Components Datasheet Search
  English  ▼

X  

COP8SEC5 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button COP8SEC5 Datasheet HTML 28Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 29Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 30Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 31Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 32Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 33Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 34Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 35Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
10.0 MICROWIRE/PLUS (Continued)
10.1.2 MICROWIRE/PLUS Slave Mode Operation
In the MICROWIRE/PLUS Slave mode of operation the SK
clock is generated by an external source. Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
onto the G Port. The SK pin must be selected as an input
and the SO pin is selected as an output pin by setting and re-
setting the appropriate bits in the Port G configuration regis-
ter.
Table 9 summarizes the settings required to enter the
Slave mode of operation.
TABLE 9. MICROWIRE/PLUS Mode Settings
This table assumes that the control flag MSEL is set.
G4 (SO)
G5 (SK)
G4
G5
Operation
Config. Bit
Config. Bit
Fun.
Fun.
1
1
SO
Int.
MICROWIRE/PLUS
SK
Master
0
1
TRI-
Int.
MICROWIRE/PLUS
STATE
SK
Master
1
0
SO
Ext.
MICROWIRE/PLUS
SK
Slave
0
0
TRI-
Ext.
MICROWIRE/PLUS
STATE
SK
Slave
The user must set the BUSY flag immediately upon entering
the Slave mode. This ensures that all data bits sent by the
Master is shifted properly. After eight clock pulses the BUSY
flag is clear, the shift clock is stopped, and the sequence
may be repeated.
10.1.3 Alternate SK Phase Operation and SK Idle
Polarity
The device allows either the normal SK clock or an alternate
phase SK clock to shift data in and out of the SIO register. In
both the modes the SK idle polarity can be either high or low.
The polarity is selected by bit 5 of Port G data register. In the
normal mode data is shifted in on the rising edge of the SK
clock and the data is shifted out on the falling edge of the SK
clock. In the alternate SK phase operation, data is shifted in
on the falling edge of the SK clock and shifted out on the ris-
ing edge of the SK clock. Bit 6 of Port G configuration regis-
ter selects the SK edge.
A control flag, SKSEL, allows either the normal SK clock or
the alternate SK clock to be selected. Resetting SKSEL
causes the MICROWIRE/PLUS logic to be clocked from the
normal SK signal. Setting the SKSEL flag selects the alter-
nate SK clock. The SKSEL is mapped into the G6 configura-
tion bit. The SKSEL flag will power up in the reset condition,
selecting the normal SK signal.
TABLE 10. MICROWIRE/PLUS Shift Clock Polarity and Sample/Shift Phase
Port G
SK Phase
G6 (SKSEL)
Config. Bit
G5 Data
Bit
SO Clocked Out
On:
SI Sampled On:
SK Idle
Phase
Normal
0
0
SK Falling Edge
SK Rising Edge
Low
Alternate
1
0
SK Rising Edge
SK Falling Edge
Low
Alternate
0
1
SK Rising Edge
SK Falling Edge
High
Normal
1
1
SK Falling Edge
SK Rising Edge
High
DS100973-33
FIGURE 22. MICROWIRE/PLUS SPI Mode Interface Timing, Normal SK Mode, SK Idle Phase being Low
DS100973-34
FIGURE 23. MICROWIRE/PLUS SPI Mode Interface Timing, Alternate SK Mode, SK Idle Phase being Low
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com