Electronic Components Datasheet Search
  English  ▼

X  

COP8SEC5 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP8SEC5 Datasheet HTML 10Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 11Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 12Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 13Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 14Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 15Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 16Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 17Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
5.0 Functional Description (Continued)
5.9.1 Crystal Oscillator
CKI and CKO can be connected to make a closed loop crys-
tal (or resonator) controlled oscillator.
Table 1 shows the component values required for various
standard crystal values.
TABLE 1. Crystal Oscillator Configuration,
T
A = 25˚C, VCC =5V
R1 (k
Ω)R2 (MΩ)
C1 (pF)
C2 (pF)
CKI Freq.
(MHz)
0
1
32
32
10
0
1
39
39
4
5.6
1
100
100–156
0.455
5.9.2 R/C Oscillator
By selecting CKI as a single pin oscillator input, a single pin
R/C oscillator circuit can be connected to it. CKO is available
as a general purpose input, and /or HALT restart input.
Table 2 shows the variation in the oscillator frequency as a
function of the component (R and C) value.
TABLE 2. R/C Oscillator Configuration,
T
A = 25˚C, VCC =5V
R(k
Ω)
C (pF)
CKI Freq.(MHz)
Instr. Cycle (µs)
3.3
82
2.2 to 2.7
3.7 to 4.6
5.6
100
1.1 to 1.3
7.4 to 9.0
6.8
100
0.9 to 1.1
8.8 to 10.8
DS100973-50
DS100973-51
FIGURE 10. Crystal and R/C Oscillator
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com