Electronic Components Datasheet Search
  English  ▼

X  

STA016A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 10Page - STMicroelectronics STA016A Datasheet HTML 11Page - STMicroelectronics STA016A Datasheet HTML 12Page - STMicroelectronics STA016A Datasheet HTML 13Page - STMicroelectronics STA016A Datasheet HTML 14Page - STMicroelectronics STA016A Datasheet HTML 15Page - STMicroelectronics STA016A Datasheet HTML 16Page - STMicroelectronics STA016A Datasheet HTML 17Page - STMicroelectronics STA016A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
STA016A
14/43
6
REGISTER DESCRIPTION
6.1 VERSION registers description
6.1.1
VERSION :
Address : 0x00 (0)
Type : RO - DWT
Software Reset : 0x10
Hardware Reset : 0x10
Description :
The VERSION register is Read-only and it is used to
identify the IC on the application board.
6.1.2
IDENT :
Address : 0x01 (1)
Type : RO - DWT
Software Reset : 0xAC
Hardware Reset : 0xAC
Description :
IDENT is a read-only register and it is used to identify
the IC on an application board. IDENT always has the
value 0xAC.
6.1.3
SOFT_VERSION :
Address : 0xD3 (211)
Type : RO - DWT
Software Reset : X
Description :
The SOFT_VERSION register is Read-only and it is
used to identify the software running on the IC.
6.2 PLL_AUDIO_CONFIGURATION registers
description
6.2.1
PLL_AUDIO_PEL_192 :
Address : 0xDC (220)
Type : RW - DEC
Software Reset : 58
Description :
This register must contain a PEL value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
ofact is the oversampling factor needed by the DAC
(ofac==246 or ofac==384).
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.2
PLL_AUDIO_PEH_192 :
Address : 0xDD (221)
Type : RW - DEC
Software Reset : 187
Description :
This register must contain a PEH value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.3
PLL_AUDIO_NDIV_192 :
Address : 0xDE (222)
Type : RW - DEC
Software Reset : 0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
10
10
11
00
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com