Electronic Components Datasheet Search
  English  ▼

X  

STA016A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 11Page - STMicroelectronics STA016A Datasheet HTML 12Page - STMicroelectronics STA016A Datasheet HTML 13Page - STMicroelectronics STA016A Datasheet HTML 14Page - STMicroelectronics STA016A Datasheet HTML 15Page - STMicroelectronics STA016A Datasheet HTML 16Page - STMicroelectronics STA016A Datasheet HTML 17Page - STMicroelectronics STA016A Datasheet HTML 18Page - STMicroelectronics STA016A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
15/43
STA016A
Description :
This register must contain a NDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.4
PLL_AUDIO_XDIV_192 :
Address : 0xDF (223)
Type : RW - DEC
Software Reset : 3
Description :
This register must contain a XDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.5
PLL_AUDIO_MDIV_192 :
Address : 0xE0 (224)
Type : RW - DEC
Software Reset : 12
Description :
This register must contain a MDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.6
PLL_AUDIO_PEL_176 :
Address : 0xE1 (225)
Type : RW - DEC
Software Reset : 54
Description :
This register must contain a PEL value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– fact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.7
PLL_AUDIO_PEH_176 :
Address : 0xE2 (226)
Type : RW - DEC
Software Reset : 118
Description :
This register must contain a PEH value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
6.2.8
PLL_AUDIO_NDIV_176 :
Address : 0xE3 (227)
Type : RW - DEC
Software Reset : 0
Description :
This register must contain a NDIV value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
–ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com