Electronic Components Datasheet Search
  English  ▼

X  

STA016A Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 34Page - STMicroelectronics STA016A Datasheet HTML 35Page - STMicroelectronics STA016A Datasheet HTML 36Page - STMicroelectronics STA016A Datasheet HTML 37Page - STMicroelectronics STA016A Datasheet HTML 38Page - STMicroelectronics STA016A Datasheet HTML 39Page - STMicroelectronics STA016A Datasheet HTML 40Page - STMicroelectronics STA016A Datasheet HTML 41Page - STMicroelectronics STA016A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
STA016A
38/43
7.3 TTL Schmitt Trigger Inpud Pad Buffer, 3V capable / Pin numbers:17, 60, 63
7.4 TTL Inpud Pad Buffer, 3V capable with Pull-Up / Pin numbers:15, 16
7.5 TTL Schmitt Trigger Bidir Pad Buffer, with Pull-up, 4mA, with slew rate control / 3V capable
Pin numbers: 26, 27, 28, 31, 32, 33, 34, 35, 44, 45, 46, 47, 48, 49, 50, 51, 64
7.6 TTL Input Pad Buffer, 3V capable, with pull down / Pin numbers: 12, 13, 14, 55
8
COMMAND PROTOCOL CONFIGURATION
General Information About The Command Protocol
I2C protocol :
CD_module & mmdsp are using an I2C protocol to communicate : CD_module is master of the I2C protocol,
and can access (in read and write mode) host registers of the STA016A to write commands to the mmdsp and
to read request from the mmdsp. It must use following I2C syntax :
device_address, host_register_number, host_register_value
where :
for a write acces, device_address is 0x86.
for a read acces, device_address is 0x87.
Writing a command to mmdsp :
CD_module write its command inside dedicated host registers (mainly H64 to H69), then it must signals the writ-
ing of this command to mmdsp by sending the interrupt IT_CMD to the core of mmdsp.
Note that IT_CMD is generated by cd_module threw a falling edge on the input line number 0 of the STA016A
INPUT PIN
CAPACITANCE
ATBD
INPUT PIN
CAPACITANCE
ATBD
INPUT PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
TBD
IO
100pF
INPUT PIN
CAPACITANCE
ATBD
A
D98AU906
Z
A
D98AU907
Z
EN
A
D00AU1150
ZI
IO
A
D00AU1222
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com