Electronic Components Datasheet Search
  English  ▼

X  

STA016A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA016A
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA016A Datasheet HTML 15Page - STMicroelectronics STA016A Datasheet HTML 16Page - STMicroelectronics STA016A Datasheet HTML 17Page - STMicroelectronics STA016A Datasheet HTML 18Page - STMicroelectronics STA016A Datasheet HTML 19Page - STMicroelectronics STA016A Datasheet HTML 20Page - STMicroelectronics STA016A Datasheet HTML 21Page - STMicroelectronics STA016A Datasheet HTML 22Page - STMicroelectronics STA016A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
STA016A
the output crossbar according following table
Table 13. .
6.5 GPSO_CONFIGURATION registers
description
6.5.1
OUTPUT_CONF :
Address : 0x66 (102)
Type : RW - DEC
Software Reset : 0
Description
Table 14. :
Note that embedded default configuration for GPSO
can be retrieved by user thanks to following setting :
– GPSO_CONF = b00000011;
Note that embedded default configuration for PCM
block is described at previous chapter.
6.5.2
GPSO_CONF :
Address : 0x6A (106)
Type : RW - DEC
Software Reset : 0
Description :
If OUTPUT_CONF == 1, this register configure the
GPSO interface
Table 15. .
6.6 I2Sin_CONFIGURATION registers
description
6.6.1
INPUT_CONF :
Address : 0x5A (90)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1 enable the configurability of the I2Sin Input
thanks to following registers, else disable this config-
urability and take embedded default configuration for
I2Sin registers.
Note that this embedded default configuration can be
retrieved by user thanks to following setting :
– I_AUDIO_CONFIG_1 = b00000110;
– I_AUDIO_CONFIG_2 = b11100000;
– I_AUDIO_CONFIG_3 = b00000001;
CR1
CR0
Comment
0
0
Left channel is mapped on the left
output.
Right channel is mapped on the right
output.
0
1
Left channel is duplicated on both output
channels.
1
0
Right channel is duplicated on both
output channels.
1
1
Right and left channels are toggled.
b7
b6
b5
b4
b3
b2
b1
b0
XX
XX
X
0C2
OC1
OC0
Bit fields
Comment
OC0
Configuration of gpso :
0 : take embedded default configuration.
1 : configure gpso from register
GPSO_CONF.
OC1
Use of block PCM to generate clocks
(PCMCK, LRCK & BCK):
0 : no use.
1 : use it.
OC2
Configuration of PCM block:
0 : take embedded default configuration.
1 : configure PCM block from PCM_DIV
& PCM_CONF registers.
b7
b6
b5
b4
b3
b2
b1
b0
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
Bit
fields
Comment
CF0
Polarity of GPSO_CK :
0 : data provided on rising edge & stable on
falling edge
1 : data provided on falling edge & stable on
rising edge
CF1
Polarity of GPSO_REQ :
0 : data are valid when GPSO_REQ is high
1 : data are valid when GPSO_REQ is low
CF[7:2]
Reserved : to be set to 0.
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com