Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # 80C51
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 41Page - NXP Semiconductors 80C51 Datasheet HTML 42Page - NXP Semiconductors 80C51 Datasheet HTML 43Page - NXP Semiconductors 80C51 Datasheet HTML 44Page - NXP Semiconductors 80C51 Datasheet HTML 45Page - NXP Semiconductors 80C51 Datasheet HTML 46Page - NXP Semiconductors 80C51 Datasheet HTML 47Page - NXP Semiconductors 80C51 Datasheet HTML 48Page - NXP Semiconductors 80C51 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
2003 Oct 30
45
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
When in Power-down or Sleep mode, card extraction or
insertion, overcurrent on VCC, or HIGH level on pins RST
or RESET will wake up the chip.
The same occurs in case of a falling edge on RX if bit
ENRX is set, or on INT1_N if bit ENINT1 is set and if
INT1_N is enabled within the controller.
If only INT1_N should wake up the TDA8029, then INT1_N
must be enabled in the controller, and ENINT1 only should
be set.
If RX should wake up the TDA8029, then INT1_N must be
enabled in the controller, and ENRX and ENINT1 should
be set.
In case of wake up by RX, then the first received
characters may be lost, depending on the baud rate on the
serial link. (The controller waits for 1536 clock cycles
before leaving Power-down mode).
For more details about the use of these modes, please
refer to the application notes
“AN00069” and “AN01005”.
8.16
Activation sequence
When the card is inactive, VCC, CLK, RST and I/O are
LOW, with low impedance with respect to GNDC. The
DC/DC converter is stopped.
When everything is satisfactory (voltage supply, card
present and no hardware problems), the system controller
may initiate an activation sequence of the card. Figure 12
shows the activation sequence.
After leaving the UART reset mode, and then configuring
the necessary parameters for the UART, it may set the bit
START in register PCR (t0). The following sequence will
take place:
• The DC/DC converter is started (t1)
• VCC starts rising from 0 to 5 V or 3 V with a controlled
rise time of 0.17 V/
µs typically (t2)
• I/O rises to VCC (t3), (Integrated 14 kΩ pull-up to VCC)
• CLK is sent to the card and RST is enabled (t4).
After a number of clock pulses that can be counted with the
time out counter, bit RSTIN may be set by software, then
pin RST rises to VCC.
The sequencer is clocked by 1/64fint which leads to a time
interval T of 25
µs typical. Thus t1 =0to 3/64T,
t2 =t1 + 3/2T, t3 =t1 + 7/2T, and t4 =t1 + 4T.
handbook, full pagewidth
START
VUP
VCC
I/O
RSTIN
CLK
RST
t0
t2
t3
t4 = tact
ATR
t1
FCE684
Fig.12 Activation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com