Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 80C51
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 14Page - NXP Semiconductors 80C51 Datasheet HTML 15Page - NXP Semiconductors 80C51 Datasheet HTML 16Page - NXP Semiconductors 80C51 Datasheet HTML 17Page - NXP Semiconductors 80C51 Datasheet HTML 18Page - NXP Semiconductors 80C51 Datasheet HTML 19Page - NXP Semiconductors 80C51 Datasheet HTML 20Page - NXP Semiconductors 80C51 Datasheet HTML 21Page - NXP Semiconductors 80C51 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
2003 Oct 30
18
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.2.5
TIMER/COUNTER 2 SET-UP
Except for the baud rate generator mode, the values given for T2CON do not include the setting of the TR2 bit. Therefore,
bit TR2 must be set, separately, to turn the timer on.
Table 10 Timer 2 as a timer
Notes
1. Capture/reload occurs only on timer/counter overflow.
2. Capture/reload on timer/counter overflow and a HIGH to LOW transition on T2EX, except when timer 2 is used in the
baud rate generator mode.
Table 11 Timer 2 as a counter
Notes
1. Capture/reload occurs only on timer/counter overflow.
2. Capture/reload on timer/counter overflow and a HIGH to LOW transition on T2EX (P1.1) pin except when timer 2 is
used in the baud rate generator mode.
8.3
Enhanced UART
The UART operates in all of the usual modes that are described in the first section of “
Data Handbook IC20,
80C51-based 8-bit microcontrollers”. In addition the UART can perform framing error detection by looking for missing
stop bits and automatic address recognition. The UART also fully supports multiprocessor communication as does the
standard 80C51 UART.
When used for framing error detection the UART looks for missing stop bits in the communication. A missing bit will set
the bit FE or bit 7 in the SCON register. Bit FE is shared with bit SM0. The function of SCON bit 7 is determined by bit 6
in register PCON (bit SMOD0). If SMOD0 is set then bit 7 of register SCON functions as FE and as SM0 when SMOD0
is cleared. When used as FE this bit can only be cleared by software.
8.3.1
SERIAL PORT CONTROL REGISTER (SCON)
Table 12 Serial port control register bits
MODE
T2CON
INTERNAL CONTROL(1) (HEX)
EXTERNAL CONTROL(2) (HEX)
16-bit auto-reload
00
08
Baud rate generator receive and
transmit same baud rate
34
36
Receive only
24
26
Transmit only
14
16
MODE
T2CON
INTERNAL CONTROL(1) (HEX)
EXTERNAL CONTROL(2) (HEX)
16-bit
02
04
Auto-reload
03
0B
BIT
7
6
543210
Symbol
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com