Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 80C51
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 2 Page - NXP Semiconductors

  80C51 Datasheet HTML 1Page - NXP Semiconductors 80C51 Datasheet HTML 2Page - NXP Semiconductors 80C51 Datasheet HTML 3Page - NXP Semiconductors 80C51 Datasheet HTML 4Page - NXP Semiconductors 80C51 Datasheet HTML 5Page - NXP Semiconductors 80C51 Datasheet HTML 6Page - NXP Semiconductors 80C51 Datasheet HTML 7Page - NXP Semiconductors 80C51 Datasheet HTML 8Page - NXP Semiconductors 80C51 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2003 Oct 30
2
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
APPLICATIONS
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Microcontroller
8.1.1
Port characteristics
8.1.2
Oscillator characteristics
8.1.3
Reset
8.1.4
Low power modes
8.2
Timer 2 operation
8.2.1
Timer/counter 2 Control register (T2CON)
8.2.2
Timer/counter 2 Mode control register
(T2MOD)
8.2.3
Auto-reload mode (up- or down-counter)
8.2.4
Baud rate generator mode
8.2.5
Timer/counter 2 set-up
8.3
Enhanced UART
8.3.1
Serial port Control register (SCON)
8.3.2
Automatic address recognition
8.4
Interrupt priority structure
8.4.1
Interrupt Enable (IE) register
8.4.2
Interrupt Priority (IP) register
8.4.3
Interrupt Priority High (IPH) register
8.5
Dual Data Pointer (DPTR)
8.6
Expanded data RAM addressing
8.6.1
Auxiliary Register (AUXR)
8.7
Reduced EMI mode
8.8
Mask ROM devices
8.9
ROM code submission for 16 kbytes ROM
device TDA8029
8.10
Smart card reader control registers
8.10.1
General registers
8.10.1.1
Card Select Register (CSR)
8.10.1.2
Hardware Status Register (HSR)
8.10.1.3
Time-Out Registers (TOR1, TOR2 and TOR3)
8.10.1.4
Time-Out Configuration register (TOC)
8.10.2
ISO UART registers
8.10.2.1
UART Transmit Register (UTR)
8.10.2.2
UART Receive Register (URR)
8.10.2.3
Mixed Status Register (MSR)
8.10.2.4
FIFO Control Register (FCR)
8.10.2.5
UART Status Register (USR)
8.10.3
Card registers
8.10.3.1
Programmable Divider Register (PDR)
8.10.3.2
UART Configuration Register 2 (UCR2)
8.10.3.3
Guard Time Register (GTR)
8.10.3.4
UART Configuration Register 1 (UCR1)
8.10.3.5
Clock Configuration Register (CCR)
8.10.3.6
Power Control Register (PCR)
8.10.4
Register summary
8.11
Supply
8.12
DC/DC converter
8.13
ISO 7816 security
8.14
Protections and limitations
8.15
Power reduction modes
8.16
Activation sequence
8.17
Deactivation sequence
9
LIMITING VALUES
10
HANDLING
11
THERMAL CHARACTERISTICS
12
CHARACTERISTICS
13
APPLICATION INFORMATION
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction to soldering surface mount
packages
15.2
Reflow soldering
15.3
Wave soldering
15.4
Manual soldering
15.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
16
DATA SHEET STATUS
17
DEFINITIONS
18
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com