Electronic Components Datasheet Search
  English  ▼

X  

80C51 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # 80C51
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C51 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button 80C51 Datasheet HTML 31Page - NXP Semiconductors 80C51 Datasheet HTML 32Page - NXP Semiconductors 80C51 Datasheet HTML 33Page - NXP Semiconductors 80C51 Datasheet HTML 34Page - NXP Semiconductors 80C51 Datasheet HTML 35Page - NXP Semiconductors 80C51 Datasheet HTML 36Page - NXP Semiconductors 80C51 Datasheet HTML 37Page - NXP Semiconductors 80C51 Datasheet HTML 38Page - NXP Semiconductors 80C51 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
2003 Oct 30
35
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
8.10.2.5
UART Status Register (USR)
The UART Status Register (USR) is used by the microcontroller to monitor the activity of the ISO UART and that of the
time-out counter. If any of the status bits FER, OVR, PE, EA, TO1, TO2 or TO3 are set, then signal INT0_N = LOW. The
bit having caused the interrupt is reset 2
µs after the rising edge of signal RD during a read operation of register USR.
If bit TBE/RBF is set and if the mask bit DISTBE/RBF within register UCR2 is not set, then also signal INT0_N = LOW.
Bit TBE/RBF is reset three clock cycles after data has been written in register UTR, or three clock cycles after data has
been read from register URR, or when changing from transmission mode to reception mode.
If LCT mode is used for transmitting the last character, then bit TBE is not set at the end of the transmission.
Table 52 UART status register, address Eh, read
Table 53 Description of register bits
BIT
7
6
543210
Symbol
TO3
TO2
TO1
EA
PE
OVR
FER
TBE/RBF
Reset value
0
0
0
00000
BIT
SYMBOL
DESCRIPTION
7TO3
Time-out counter 3. TO3 = 1 when counter 3 has reached its terminal count.
6TO2
Time-out counter 2. TO2 = 1 when counter 2 has reached its terminal count.
5TO1
Time-out counter 1. TO1 = 1 when counter 1 has reached its terminal count.
4EA
Early Answer. EA = 1 if the first start-bit on the I/O pin during ATR has been detected
between the first 200 and nmax clock pulses with pin RST in LOW state (all activities on
the I/O during the first 200 clock pulses with pin RST LOW are not taken into account)
and before the first nmax clock pulses with pin RST in HIGH state. These two features are
re-initialized at each toggling of pin RST. nmax = 384 for TDA8029HL/C1; nmax = 368 for
TDA8029HL/C2.
3PE
Parity Error.
In protocol T = 0, bit PE = 1 if the UART has detected a number of received characters
with parity errors equal to the number written in bits PEC[2:0] or if a transmitted character
has been NAKed by the card a number of times equal to the value programmed in bits
PEC[2:0]. It is set at 10.5 ETU in the reception mode and at 11.5 ETU in the transmission
mode. A character received with a parity error is not stored in register FIFO in protocol
T = 0; the card should repeat this character.
In protocol T = 1, a character with a parity error is stored in the FIFO and the parity error
counter is not active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com