Electronic Components Datasheet Search
  English  ▼

X  

USBN9604 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # USBN9604
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button USBN9604 Datasheet HTML 18Page - National Semiconductor (TI) USBN9604 Datasheet HTML 19Page - National Semiconductor (TI) USBN9604 Datasheet HTML 20Page - National Semiconductor (TI) USBN9604 Datasheet HTML 21Page - National Semiconductor (TI) USBN9604 Datasheet HTML 22Page - National Semiconductor (TI) USBN9604 Datasheet HTML 23Page - National Semiconductor (TI) USBN9604 Datasheet HTML 24Page - National Semiconductor (TI) USBN9604 Datasheet HTML 25Page - National Semiconductor (TI) USBN9604 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
www.national.com
6.0
Functional Description
6.1
FUNCTIONAL STATES
6.1.1
Line Condition Detection
At any given time, the device is in one of the following states (see Section 6.1.2 for the functional state transitions):
• NodeOperational
Normal operation
• NodeSuspend
Device operation suspended due to USB inactivity
• NodeResume
Device wake-up from suspended state
• NodeReset
Device reset
The NodeSuspend, NodeResume, or NodeReset line condition causes a transition from one operating state to another.
These conditions are detected by specialized hardware and reported via the Alternate Event (ALTEV) register. If interrupts
are enabled, an interrupt is generated upon the occurrence of any of the specified conditions.
NodeOperational
This is the normal operating state of the device. In this state, the node is configured for operation on the USB bus.
NodeSuspend
A USB device is expected to enter NodeSuspend state when 3 mS have elapsed without any detectable bus activity. The
device looks for this event and signals it by setting the SD3 bit in the ALTEV register, which causes an interrupt, if enabled,
to be generated. The firmware should respond by putting the device into the NodeSuspend state.
The device can resume normal operation under firmware control in response to a local event at the host controller. It can
wake up the USB bus via a NodeResume, or when detecting a resume command on the USB bus, which signals an interrupt
to the host controller.
NodeResume
If the host has enabled remote wake-ups from the node, the device can initiate a remote wake-up.
Once the firmware detects the event, which wakes up the bus, it releases the device from NodeSuspend state by initiating
a NodeResume on the USB using the NFSR register. The node firmware must ensure at least 5 mS of Idle on the USB.
While in NodeResume state, a constant “K” is signalled on the USB. This should last for at least 1 mS and no more than 5
mS, after which the USB host should continue sending the NodeResume signal for at least an additional 20 mS, and then
completes the NodeResume operation by issuing the End Of Packet (EOP) sequence.
To successfully detect the EOP, the firmware must enter USB NodeOperational state by setting the NFSR register.
If no EOP is received from the host within 100 mS, the software must reinitiate NodeResume.
NodeReset
When detecting a NodeResume or NodeReset signal while in NodeSuspend state, the device can signal this to the main
controller by generating an interrupt.
USB specifications require that a device must be ready to respond to USB tokens within 10 mS after wake-up or reset.
6.1.2
Functional State Transition
Figure 18 shows the device states and transitions, as well as the conditions that trigger each transition. All state transitions
are initiated by the firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com