Electronic Components Datasheet Search
  English  ▼

X  

USBN9604 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # USBN9604
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  USBN9604 Datasheet HTML 1Page - National Semiconductor (TI) USBN9604 Datasheet HTML 2Page - National Semiconductor (TI) USBN9604 Datasheet HTML 3Page - National Semiconductor (TI) USBN9604 Datasheet HTML 4Page - National Semiconductor (TI) USBN9604 Datasheet HTML 5Page - National Semiconductor (TI) USBN9604 Datasheet HTML 6Page - National Semiconductor (TI) USBN9604 Datasheet HTML 7Page - National Semiconductor (TI) USBN9604 Datasheet HTML 8Page - National Semiconductor (TI) USBN9604 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© National Semiconductor Corporation, 2003
- May 1998
www.national.com
June 2003
Revision 1.3
USBN9603/USBN9604 Universal Serial Bus
Full Speed Node Controller with Enhanced DMA Support
General Description
The USBN9603/4 are integrated, USB Node controllers.
Other than the reset mechanism for the clock generation cir-
cuit, these two devices are identical. All references to “the
device” in this document refer to both devices, unless other-
wise noted.
The device provides enhanced DMA support with many au-
tomatic data handling features. It is compatible with USB
specification versions 1.0 and 1.1, and is an advanced ver-
sion of the USBN9602.
The device integrates the required USB transceiver with a
3.3V regulator, a Serial Interface Engine (SIE), USB end-
point (EP) FIFOs, a versatile 8-bit parallel interface, a clock
generator and a MICROWIRE/PLUS™ interface. Seven
endpoint pipes are supported: one for the mandatory con-
trol endpoint and six to support interrupt, bulk and isochro-
nous endpoints. Each endpoint pipe has a dedicated FIFO,
8 bytes for the control endpoint and 64 bytes for the other
endpoints. The 8-bit parallel interface supports multiplexed
and non-multiplexed style CPU address/data buses. A pro-
grammable interrupt output scheme allows device configu-
ration for different interrupt signaling requirements.
Outstanding Features
q
Low EMI, low standby current, 24 MHz oscillator
q
Advanced DMA mechanism
q
Fully static HALT mode with asynchronous wake-up
for bus powered operation
q
5V or 3.3V operation
q
Improved input range 3.3V signal voltage regulator
q
All unidirectional FIFOs are 64 bytes
q
Power-up reset and startup delay counter simplify sys-
tem design
q
Simple programming model controlled by external controller
q
Available in two packages
— USBN9603/4SLB: small footprint for new designs
and portable applications
— USBN9603/4-28M: standard package, pin-to-pin
compatible with USBN9602-28M
Block Diagram
Physical Layer Interface (PHY)
Media Access Controller (MAC)
Transceiver
24 MHz
Oscillator
Clock
Generator
XIN
XOUT
CLKOUT
Microcontroller Interface
D+
D-
Upstream Port
INTR
V3.3
A0/ALE
D7-0/AD7-0
Endpoint/Control FIFOs
VReg
AGND
RESET
VCC
GND
MODE1-0
Serial Interface Engine (SIE)
USB Event
Detect
Clock
Recovery
CS
RD
WR
National Semiconductor is a registered trademark of National Semiconductor Corporation.
All other brand or product names are trademarks or registered trademarks of their respective holders.


Similar Part No. - USBN9604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
USBN9604 TI-USBN9604 Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9604 TI2-USBN9604 Datasheet
527Kb / 62P
USBN9603/USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
June 2003 Revision 1.3
USBN9604-28M/NOPB TI-USBN9604-28M/NOPB Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9604-28MX/NOPB TI-USBN9604-28MX/NOPB Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results

Similar Description - USBN9604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1161A PHILIPS-ISP1161A Datasheet
587Kb / 134P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
Texas Instruments
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com