Electronic Components Datasheet Search
  English  ▼

X  

USBN9604 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # USBN9604
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button USBN9604 Datasheet HTML 45Page - National Semiconductor (TI) USBN9604 Datasheet HTML 46Page - National Semiconductor (TI) USBN9604 Datasheet HTML 47Page - National Semiconductor (TI) USBN9604 Datasheet HTML 48Page - National Semiconductor (TI) USBN9604 Datasheet HTML 49Page - National Semiconductor (TI) USBN9604 Datasheet HTML 50Page - National Semiconductor (TI) USBN9604 Datasheet HTML 51Page - National Semiconductor (TI) USBN9604 Datasheet HTML 52Page - National Semiconductor (TI) USBN9604 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
7.0 Register Set (Continued)
49
www.national.com
For ISO operation, this bit reflects the LSB of the frame number (FNL0) after a packet was successfully received for this
endpoint.
This bit is reset to 0 by reading the RXSx register.
SETUP
This bit indicates that the setup packet has been received. It is cleared when this register is read.
RX_ERR
Receive Error. When set, this bit indicates a media error, such as bit-stuffing or CRC. If this bit is set, the firmware must flush
the respective FIFO.
7.2.25
Receive Command X Register (RXC1, RXC2, RXC3)
Each of the receive endpoints (2, 4 and 6) has one Receive Command register with the bits defined below.
RX_EN
Receive Enable. OUT packet cannot be received after every data packet is received, or when a STALL handshake is re-
turned in response to an OUT token. This bit must be written with a 1 to re-enable data reception. SETUP packets can always
be received. In the case of back-to-back SETUP packets (for a given endpoint) where a valid SETUP packet has been re-
ceived with no other intervening non-SETUP tokens, the receive state machine discards the new SETUP packet and returns
an ACK handshake. If, for any other reason, the receive state machine cannot accept the SETUP packet, no HANDSHAKE
should be generated.
IGN_SETUP
Ignore SETUP Tokens. When this bit is set, the endpoint ignores any SETUP tokens directed to its configured address.
FLUSH
Writing a 1 to this bit flushes all data from the corresponding receive FIFO, resets the endpoint to Idle state, and resets both
the FIFO read and write pointers. If the MAC is currently using the FIFO to receive data, flushing is delayed until after re-
ceiving is completed.
RFWL1-0
Receive FIFO Warning Limit. These bits specify how many more bytes can be received to the respective FIFO before an
overrun condition occurs. If the number of empty bytes remaining in the FIFO is equal to or less than the selected warning
limit, the RXWARN bit in the FWEV register is set.
Table 9. Set Receive FIFO Warning Limit
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Reserved
RFWL1-0
Reserved
FLUSH
IGN_SETUP
Reserved
RX_EN
-0
0
-
0
0
-
0
-
r/w
-
r/w
r/w
-
r/w
RFWL Bits
10
Bytes Remaining in FIFO
0
0
RFWL disabled
01
≤ 4
10
≤ 8
11
≤ 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com