Electronic Components Datasheet Search
  English  ▼

X  

USBN9604 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # USBN9604
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button USBN9604 Datasheet HTML 43Page - National Semiconductor (TI) USBN9604 Datasheet HTML 44Page - National Semiconductor (TI) USBN9604 Datasheet HTML 45Page - National Semiconductor (TI) USBN9604 Datasheet HTML 46Page - National Semiconductor (TI) USBN9604 Datasheet HTML 47Page - National Semiconductor (TI) USBN9604 Datasheet HTML 48Page - National Semiconductor (TI) USBN9604 Datasheet HTML 49Page - National Semiconductor (TI) USBN9604 Datasheet HTML 50Page - National Semiconductor (TI) USBN9604 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
7.0 Register Set (Continued)
47
www.national.com
For ISO operation, this bit is set if a frame number LSB match (see “IGN_ISOMSK” bit in Section 7.2.22) occurs, and data
was sent in response to an IN token. Otherwise, this bit is reset, the FIFO is flushed and TX_DONE is set.
This bit is also cleared when this register is read.
TX_URUN
Transmit FIFO Underrun. This bit is set if the transmit FIFO becomes empty during a transmission, and no new data is written
to the FIFO. If so, the Media Access Controller (MAC) forces a bit stuff error followed by an EOP. This bit is reset when this
register is read.
7.2.22
Transmit Command X Register (TXC1, TXC2, TXC3)
Each of the transmit endpoints (1, 3 and 5) has a Transmit Command register with the bits defined below.
TX_EN
Transmission Enable. This bit enables data transmission from the FIFO. It is cleared by the chip after transmitting a single
packet or after a STALL handshake in response to an IN token. It must be set by firmware to start packet transmission.
LAST
Setting this bit indicates that the entire packet has been written to the FIFO. This is used especially for streaming data to the
FIFO while the actual transmission occurs. If the LAST bit is not set and the transmit FIFO becomes empty during a trans-
mission, a stuff error followed by an EOP is forced on the bus. Zero length packets are indicated by setting this bit without
writing any data to the FIFO.
The transmit state machine transmits the payload data, CRC16 and the EOP signal before clearing this bit.
TOGGLE
The function of this bit differs depending on whether ISO (ISO in the EPCx register is set) or non-ISO operation (ISO is reset)
is used.
For non-ISO operation, it specifies the PID used when transmitting the packet. A value of 0 causes a DATA0 PID to be gen-
erated, while a value of 1 causes a DATA1 PID to be generated.
For ISO operation, this bit and the LSB of the frame counter (FNL0) act as a mask for the TX_EN bit to allow pre-queueing
of packets to specific frame numbers; I.e. transmission is enabled only if bit 0 in the FNL register is set to TOGGLE. If an IN
token is not received while this condition is true, the contents of the FIFO are flushed with the next SOF. If the endpoint is
set to ISO, data is always transferred with a DATA0 PID.
This bit is not altered by hardware.
FLUSH
Writing a 1 to this bit flushes all data from the corresponding transmit FIFO, resets the endpoint to Idle state, and clears both
the FIFO read and write pointers. If the MAC is currently using the FIFO to transmit, data is flushed after the transmission is
complete. After data flushing, this bit is reset by hardware.
RFF
Refill FIFO. Setting the LAST bit automatically saves the Transmit Read Pointer (TXRP) to a buffer. When the RFF bit is set,
the buffered TXRP is reloaded into the TXRP. This allows the user to repeat the last transaction if no ACK was received from
the host. If the MAC is currently using the FIFO to transmit, TXRP is reloaded only after the transmission is complete. After
reload, this bit is reset by hardware.
TFWL
Transmit FIFO Warning Limit. These bits specify how many more bytes can be transmitted from the respective FIFO before
an underrun condition occurs. If the number of bytes remaining in the FIFO is equal to or less than the selected warning limit,
the TXWARN bit in the FWEV register is set. To avoid interrupts caused by setting this bit while the FIFO is being filled before
a transmission begins, TXWARN is only set when transmission from the endpoint is enabled (TX_ENx in the TXCx register
is set). See Table 8.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IGN_ISOMSK
TFWL1-0
RFF
FLUSH
TOGGLE
LAST
TX_EN
00
0
0
0
0
0
0
r/w
r/w
r/w HW
r/w HW
r/w
r/w HW
r/w HW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com