Electronic Components Datasheet Search
  English  ▼

X  

MS6283 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6283 Datasheet HTML 6Page - MOSA ELECTRONICS MS6283 Datasheet HTML 7Page - MOSA ELECTRONICS MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS MS6283 Datasheet HTML 10Page - MOSA ELECTRONICS MS6283 Datasheet HTML 11Page - MOSA ELECTRONICS MS6283 Datasheet HTML 12Page - MOSA ELECTRONICS MS6283 Datasheet HTML 13Page - MOSA ELECTRONICS MS6283 Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
10/18
www.mosanalog.com
Input selector & Gain Control (01H , 02H , 03H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Input selector
0
0
IN 1
0
1
IN 2
1
0
Grouded
1
1
IN 3 / DIFF
Input Gain
0
0
0
0
0dB
0
0
0
1
1dB
0
0
1
0
2dB
0
0
1
1
3dB
0
1
0
0
4dB
0
1
0
1
5dB
0
1
1
0
6dB
0
1
1
1
7dB
1
0
0
0
8dB
1
0
0
1
9dB
1
0
1
0
10dB
1
0
1
1
11dB
1
1
0
0
12dB
1
1
0
1
13dB
1
1
1
0
14dB
1
1
1
1
15dB
The initial condition is IN3, 14dB. We suggest the gain is set as the power is up. For example, set and fix the gain
+10dB, the volume range will be controlled from -69dB to +25dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com