Electronic Components Datasheet Search
  English  ▼

X  

MS6283 Datasheet(PDF) 5 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 5 Page - MOSA ELECTRONICS

  MS6283 Datasheet HTML 1Page - MOSA ELECTRONICS MS6283 Datasheet HTML 2Page - MOSA ELECTRONICS MS6283 Datasheet HTML 3Page - MOSA ELECTRONICS MS6283 Datasheet HTML 4Page - MOSA ELECTRONICS MS6283 Datasheet HTML 5Page - MOSA ELECTRONICS MS6283 Datasheet HTML 6Page - MOSA ELECTRONICS MS6283 Datasheet HTML 7Page - MOSA ELECTRONICS MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
5/18
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃; CREF = 1uF,10uF; RL=32
; refer to the application circuit; unless otherwise specified)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
OUTPUT VOLTAGE (dBV)
THD+N vs. output voltage
THD+N vs. output voltage
THD+N vs. output voltage
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
THD+N vs. frequency
CMRR vs. frequency
Quiescent current vs. supply voltage
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
VDD=5V
f=1kHz
f=20Hz
f=20kHz
VDD=3.3V
f=1kHz
f=20Hz
f=20kHz
VDD=2.5V
f=1kHz
f=20Hz
f=20kHz
VDD=5V
VDD=3.3V
CAP=1uF
VDD = 5V
VRR =-20dBV
CAP=10uF
VDD = 3.3V
VRR =-20dBV
CAP=1uF
CAP=10uF
CAP=1uF
VDD = 2.5V
VRR =-20dBV
CAP=10uF
VDD=2.5V
VDD=5V
VO=0dBV
VDD=3.3V
VO=-3dBV
VDD=2.5V
VO=-3dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com