Electronic Components Datasheet Search
  English  ▼

X  

MS6283 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6283 Datasheet HTML 5Page - MOSA ELECTRONICS MS6283 Datasheet HTML 6Page - MOSA ELECTRONICS MS6283 Datasheet HTML 7Page - MOSA ELECTRONICS MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS MS6283 Datasheet HTML 10Page - MOSA ELECTRONICS MS6283 Datasheet HTML 11Page - MOSA ELECTRONICS MS6283 Datasheet HTML 12Page - MOSA ELECTRONICS MS6283 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
9/18
www.mosanalog.com
SubAddress
MSB
LSB
Function
A7
A6
A5
A4
A3
A2
A1
A0
0
0
0
0
0
0
0
0
Soft-step time / ON/OFF , SE/DIFF Selector
0
0
0
0
0
0
0
1
L-channel, Input selector / Input Gain Control
0
0
0
0
0
0
1
0
R-channel, Input selector / Input Gain Control
0
0
0
0
0
0
1
1
2-channel, Input selector / Input Gain Control
0
0
0
0
0
1
0
0
L-channel, Volume Control
0
0
0
0
0
1
0
1
R-channel, Volume Control
0
0
0
0
0
1
1
0
2-channel, Volume Control
0
0
0
0
0
1
1
1
Power management
Soft-step time / ON / OFF , SE/DIFF Selector (0H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Soft-step Time
0
0
0
0.64ms
0
0
1
1.28ms
0
1
0
2.56ms
0
1
1
5.12ms
1
0
0
10.24ms
1
0
1
20.48ms
1
1
0
40.96ms
1
1
1
81.92ms
Soft-step
0
On
1
Off
SE/DIFF
0
Differential
1
Single-ended
The initial condition is Single-ended, Soft-step Off, Soft-step time 40.96ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com